Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C015 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB39C015
Description  High efficiency : 96% (Max)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C015 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB39C015 Datasheet HTML 9Page - Cypress Semiconductor MB39C015 Datasheet HTML 10Page - Cypress Semiconductor MB39C015 Datasheet HTML 11Page - Cypress Semiconductor MB39C015 Datasheet HTML 12Page - Cypress Semiconductor MB39C015 Datasheet HTML 13Page - Cypress Semiconductor MB39C015 Datasheet HTML 14Page - Cypress Semiconductor MB39C015 Datasheet HTML 15Page - Cypress Semiconductor MB39C015 Datasheet HTML 16Page - Cypress Semiconductor MB39C015 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
MB39C015
Document Number: 002-08364 Rev. *A
Page 13 of 43
(Continued)
(Ta
 25 °C , AVDD DVDD1 DVDD2 3.7 V, VOUT1/VOUT2 setting value 2.5 V, MODE1/MODE2 0 V)
*1 : The minimum value of AVDD = DVDD1 = DVDD2 is the 2.5 V or VOUT setting value + 0.6 V, whichever is higher.
*2 : The + leak at the LX1 pin and LX2 pin includes the current of the internal circuit.
*3 : Sum of the current flowing into the AVDD, the DVDD1, and the DVDD2 pins.
*4 : Current consumption based on 100% ON-duty (High side FET in full ON state). The SW FET gate drive current is not included
because the device is in full ON state (no switching operation). Also the load current is not included
.
Parameter
Symbol
Pin No.
Condition
Value
Unit
Min
Typ
Max
Control block
CTL threshold
voltage
VTHHCT
1, 2, 3
–
0.55
0.95
1.45
V
VTHLCT
–
0.40
0.80
1.30
V
CTL pin
input current
IICTL
0 V
CTLP/CTL1/CTL2
3.7 V
–
–
1.0
A
Reference
voltage block
VREF voltage
VREF
6VREF
0 mA
1.274
1.300
1.326
V
VREF Load
stability
LOADREF
VREF
 1.0 mA
–
–
20
mV
General
Shut down
power supply
current
IVDD1
5, 11,
12, 19,
20
CTLP/CTL1/CTL2
0 V
State of all circuits OFF*3
–
–
1.0
A
IVDD1H
CTLP/CTL1/CTL2
0 V,
VDD
5.5 V
State of all circuits OFF*3
–
–
1.0
A
Power supply current
(DC/DC mode)
IVDD31
1. CTLP
0 V, CTL1 3.7 V,
CTL2
0 V
2. CTLP
0 V, CTL1 0 V,
CTL2
3.7 V
OUT
0 A
–
3.5
10
mA
IVDD32
CTLP
0 V, CTL1/CTL2
3.7 V, OUT
0 A
–
7.0
20.0
mA
Power supply current
(voltage detection
mode)
IVDD5
CTLP
3.7 V,
CTL1/CTL2
0 V,
–
15
24
A
Power-on
invalid current
IVDD
1. CTL1
3.7 V, CTL2 0 V
2. CTL1
0 V, CTL2 3.7 V
VOUT1/VOUT2
90%
OUT
0 A*4
–
1000
2000
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com