Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBS005 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # SBS005
Description  Power Supply Application
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SBS005 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button SBS005 Datasheet HTML 9Page - Cypress Semiconductor SBS005 Datasheet HTML 10Page - Cypress Semiconductor SBS005 Datasheet HTML 11Page - Cypress Semiconductor SBS005 Datasheet HTML 12Page - Cypress Semiconductor SBS005 Datasheet HTML 13Page - Cypress Semiconductor SBS005 Datasheet HTML 14Page - Cypress Semiconductor SBS005 Datasheet HTML 15Page - Cypress Semiconductor SBS005 Datasheet HTML 16Page - Cypress Semiconductor SBS005 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Document Number: 002-08322 Rev. *A
Page 13 of 23
MB39A112EVB-01
8.3 Line regulation
1.5
1.4
1.3
1.2
1.1
1
6
8
10
12
14
16
18
20
22
VIN
= 12 V
Setting VO1
= 1.2 V
SW1
= ON
SW2
= OFF
SW3
= OFF
3.5
3.4
3.3
3.2
3.1
3
6
8
10
12
14
16
18
20
22
VIN
= 12 V
Setting VO2
= 3.3 V
SW1
= OFF
SW2
= ON
SW3
= OFF
5.3
5.2
5.1
5
4.9
4.8
6
8
10
12
14
16
18
20
22
VIN
= 12 V
Setting VO3
= 5.0 V
SW1
= OFF
SW2
= OFF
SW3
= ON
CH1
Output Voltage vs. Input Voltage (CH1)
Input voltage VIN (V)
CH2
Output Voltage vs. Input Voltage (CH2)
Input voltage VIN (V)
CH3
Output Voltage vs. Input Voltage (CH3)
Input voltage VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com