Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBS005 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # SBS005
Description  Power Supply Application
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SBS005 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button SBS005 Datasheet HTML 15Page - Cypress Semiconductor SBS005 Datasheet HTML 16Page - Cypress Semiconductor SBS005 Datasheet HTML 17Page - Cypress Semiconductor SBS005 Datasheet HTML 18Page - Cypress Semiconductor SBS005 Datasheet HTML 19Page - Cypress Semiconductor SBS005 Datasheet HTML 20Page - Cypress Semiconductor SBS005 Datasheet HTML 21Page - Cypress Semiconductor SBS005 Datasheet HTML 22Page - Cypress Semiconductor SBS005 Datasheet HTML 23Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Document Number: 002-08322 Rev. *A
Page 21 of 23
MB39A112EVB-01
Ripple current : Peak value
The peak ripple current must be within the rated current of the inductor.
If the peak ripple current is IL, it is obtained by the following formula.
Ripple current:Peak-to-peak value
If the peak-to-peak ripple current is
IL, it is obtained by the following formula.
9.3.3 Flyback diode (SBS005 : SANYO product)
VR (DC reverse voltage)
30 V, average output current 1.0 A, peak surge current 10 A
VF (forward voltage)
0.35 V, at I
F
0.5 A
VR : The value enough to satisfy the input voltage
30 V
On time of the diode is assumed to be tD (Max) , the diode mean current IDi is obtained by the following formula.
On time of the diode is assumed to be tD (Max) , the diode peak current IDip is obtained by the following formula.
10. Ordering Information
IL
I
O
VIN Vo3 t
ON
2L
0.3
12
5
1
0.417
2
10 106
2300
103
0.36 A
IL
VIN Vo3 t
ON
L
12
5
1
0.417
10
106
2300
103
0.127 A
IDi
Io (1 Vo3 ) 0.3 (1 0.417) 0.175 A
VIN
IDip
(Io Vo2 t
OFF
)
0.36 A
2L
EV board part No.
EV board version No.
Remarks
MB39A112EVB-01
MB39A112EV Board Rev 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com