Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CSPMC Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # MB91F577CSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 34Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 35Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 36Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 37Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 38Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 39Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 40Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 41Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 38 of 163
MB91570 Series
Pin Number
Pin Name
I/O Circuit Type
Function Description
118
P107
L
General-Purpose I/O Port
AN7
ADC Analog Input pin ch.7
PPG5_1
PPG Output pin ch.5 relocation 1
DAO1
DAC Output pin ch.1
ICU11_2
Input Capture Input pin ch.11 relocation 2
SGO4_1
Sound Generator SGO Output pin ch.4 relocation 1
119
Non connection
-
Non connection
120
AVSS
-
ADC, DAC GND pin
AVRL
ADC Low Reference Voltage pin
121
AVRH
-
ADC High Reference Voltage pin
122
AVCC
-
ADC,DAC Analog Power Supply pin
123
Non connection
-
Non connection
124
P123
L
General-Purpose I/O Port
OCU1_0
Output Compare Output pin ch.1 relocation 0
PPG8_2
PPG Output pin ch.8 relocation 2
DAO0
DAC Output pin ch.0
AN39
ADC Analog Input pin ch.39
125
P122
J
General-Purpose I/O Port
OCU0_0
Output Compare Output pin ch.0 relocation 0
SCK5_0
LIN_UART Serial Clock I/O pin ch.5 relocation 0
TOT3_0
Reload Timer Output pin ch.3 relocation 0
PPG7_2
PPG Output pin ch.7 relocation 2
AN38
ADC Analog Input pin ch.38
126
P121
J
General-Purpose I/O Port
FRCK0_0
Free-Run Timer Clock Input pin ch.0 relocation 0
SOT5_0
LIN_UART Serial Output pin ch.5 relocation 0
INT7_0
External Interrupt Request Input pin ch.7 relocation 0
TOT2_0
Reload Timer Output pin ch.2 relocation 0
PPG6_2
PPG Output pin ch.6 relocation 2
AN37
ADC Analog Input pin ch.37
127
P120
J
General-Purpose I/O Port
FRCK1_0
Free-Run Timer Clock Input pin ch.1 relocation 0
SIN5_0
LIN_UART Serial Input pin ch.5 relocation 0
INT6_0
External Interrupt Request Input pin ch.6 relocation 0
TOT1_0
Reload Timer Output pin ch.1 relocation 0
PPG5_2
PPG Output pin ch.5 relocation 2
AN36
ADC Analog Input pin ch.36
128
P117
J
General-Purpose I/O Port
SCK4_0
LIN_UART Serial Clock I/O pin ch.4 relocation 0
TOT0_0
Reload Timer Output pin ch.0 relocation 0
SGO3
Sound Generator SGO Output pin ch.3
FRCK2_0
Free-Run Timer Clock Input pin ch.2 relocation 0
AN35
ADC Analog Input pin ch.35
TRG4
PPG Trigger Input pin 4 (ch.16-ch.19)
129
P116
J
General-Purpose I/O Port
SOT4_0
LIN_UART Serial Output pin ch.4 relocation 0
TIN3_0
Reload Timer Event Input pin ch.3 relocation 0
SGA3
Sound Generator SGA Output pin ch.3
FRCK3_0
Free-Run Timer Clock Input pin ch.3 relocation 0
AN34
ADC Analog Input pin ch.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com