Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CSPMC Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # MB91F577CSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 37Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 38Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 39Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 40Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 41Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 42Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 43Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 44Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 41 of 163
MB91570 Series
Pin Number
Pin Name
I/O Circuit Type
Function Description
153
P112
M
General-Purpose I/O Port
TX2
CAN TX Data Output pin ch.2
PPG3_2
PPG Output pin ch.3 relocation 2
154
P113
M
General-Purpose I/O Port
RX2
CAN RX Data Input pin ch.2
INT11_0
External Interrupt Request Input pin ch.11 relocation 0
PPG4_2
PPG Output pin ch.4 relocation 2
155
RSTX
R
Reset Pin
156
VCC5
-
+5.0v Power Supply pin
157
VSS
-
GND pin
158
DEBUGIF
B
DEBUG I/F pin
159
P095
M
General-Purpose I/O Port
TX0
CAN TX Data Output pin ch.0
PPG10_1
PPG Output pin ch.10 relocation 1
160
P096
M
General-Purpose I/O Port
RX0
CAN RX Data Input pin ch.0
INT9_0
External Interrupt Request Input pin ch.9 relocation 0
161
P124
M
General-Purpose I/O Port
OCU2_0
Output Compare Output pin ch.2 relocation 0
ICU5_2
Input Capture Input pin ch.5 relocation 2
PPG9_2
PPG Output pin ch.9 relocation 2
162
Non connection
-
Non connection
163
Non connection
-
Non connection
164
Non connection
-
Non connection
165
Non connection
-
Non connection
166
MD0
A
Mode Pin 0
167
MD1
A
Mode Pin 1
168
MD2
R2
Mode Pin 2
169
X0
X
Main Clock oscillation Input pin
170
X1
X
Main Clock oscillation Output pin
171
VSS
-
GND pin
172
P125
M
General-Purpose I/O Port
OCU3_0
Output Compare Output pin ch.3 relocation 0
ICU0_0
Input Capture Input pin ch.0 relocation 0
PPG10_2
PPG Output pin ch.10 relocation 2
173
P126
M
General-Purpose I/O Port
TRG0
PPG Trigger Input pin 0 (ch.0-ch.3)
SIN0_0
Multi-function Serial Input pin ch.0 relocation 0
INT1_0
External Interrupt Request Input pin ch.1 relocation 0
OCU4_0
Output Compare Output pin ch.4 relocation 0
174
P127
N
General-Purpose I/O Port
SOT0_0
Multi-function Serial Output pin ch.0 relocation 0
OCU5_0
Output Compare Output pin ch.5 relocation 0
175
P130
N
General-Purpose I/O Port
SCK0_0
Multi-function Serial Clock I/O pin ch.0 relocation 0
INT0_0
External Interrupt Request Input pin ch.0 relocation 0
ICU1_0
Input Capture Input pin ch.1 relocation 0
TIOA0
Base Timer I/O pin ch.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com