Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CSPMC Datasheet(PDF) 120 Page - Cypress Semiconductor

Part # MB91F577CSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC Datasheet(HTML) 120 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 116Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 117Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 118Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 119Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 120Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 121Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 122Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 123Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 124Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 120 of 163
MB91570 Series
13.4.4
Power-on Conditions
(TA: Recommended operating conditions, VSS = 0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Level detection voltage
VCC5
2.1
2.3
2.5
V
When turning on power
for microcontroller
Level detection hysteresis
width
VCC5
125
mV
During voltage drop
Level detection time
30
us
*1
Slope detection undetected
standard
VCC5
VCC5 = at level detection
release level time
4
mV/µs
*2
Power off time
tOFF
VCC5
50
ms
*3
*1: If the fluctuation of the power supply is faster than the low voltage detection time, there is the possibility to generate or release
after the power supply voltage has exceeded the detection voltage range.
*2: When setting the power supply fluctuation to this standard or less, it is possible to suppress the slope detection. This is the
standard when the power supply fluctuation is stable.
*3: This time is to start the slope detection at next power on after power down and internal charge loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com