Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CHSPMC Datasheet(PDF) 61 Page - Cypress Semiconductor

Part # MB91F577CHSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHSPMC Datasheet(HTML) 61 Page - Cypress Semiconductor

Back Button MB91F577CHSPMC Datasheet HTML 57Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 58Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 59Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 60Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 61Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 62Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 63Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 64Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 65Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 61 of 163
MB91570 Series
11. I/O Map
The following I/O map shows the relationship between memory space and registers for peripheral resources.
Legend of I/O Map
The initial register value after reset indicates as follows:
"1": Initial value "1"
"0": Initial value "0"
"X": Initial value undefined
"-": Reserved bit/Undefined bit
"*": Initial value "0" or "1" according to the setting
Note:
It is prohibited to access addresses not described here.
000090H
BT1TMR[R] H
0000000000000000
BT1TMCR[R/W]B,H,W
00000000 00000000
000094H
BT1STC[R/W] B
00000000
000098H
BT1PCSR/BT1PRLL[R /W] H
0000000000000000
BT1PDU T/BT1PRLH/BT1D TBF[R/W] H
0000000000000000
00009CH
BTSEL[R /W] B
----000 0
BTSS SR[W] B,H
-------- ------11
0000A0 H
ADERH [R/W]B, H, W
00000000 00000000
ADER L [R/W]B, H, W
00000000 00000000
0000A4 H
ADC S1 [R/W] B, H,W
00000000
ADCS0 [R/W] B, H,W
00000000
ADCR1 [R] B, H,W
------XX
ADCR 0 [R] B, H,W
XXXXX XXX
0000A8 H
ADCT1 [R/W] B, H,W
00010000
ADC T0 [R/W] B, H,W
00101100
ADSCH [R/W] B, H,W
---00000
ADECH [R/W] B, H,W
---00000
+0
+1
+2
+3
Read/Write attribute (R: Read W: Write)
Data access attribute
B: Byte
H: Half-word
W: Word
(Note)
Initial register value after reset
Address
Address offset value/ register name
Block
Base timer 1
A/D converter
The access by the data access attribute
not described is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com