Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CHSPMC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB91F577CHSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHSPMC Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB91F577CHSPMC Datasheet HTML 1Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 2Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 3Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 4Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 5Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 6Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 7Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 8Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 163 page
background image
MB91570 Series
32-bit Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-04725 Rev.*A
Revised March 16, 2016
This series is Cypress 32-bit microcontroller designed for automotive and industrial control applications. It contains the FR81S CPU
that is compatible with the FR family. The FR81S has a high level performance among the Cypress FR family by enhancing CPU
instruction pipeline and load store processing, and improving internal bus transfer.
It is best suited for application control for automotive.
Features
FR81S CPU Core
32-bit RISC, load/store architecture, 5-stage pipeline
Maximum operating frequency: 80 MHz (Source oscillation
= 4.0 MHz and 20 multiplied ( PLL clock multiplication
system ))
General-purpose register : 32-bit ×16 sets
16-bit fixed length instructions ( basic instruction ),
1 instruction per cycle
Instructions appropriate to embedded applications
Memory-to-memory transfer instruction
Bit processing instruction
Barrel shift instruction etc.
High-level language support instructions
Function entry/exit instructions
Register content multi-load and store instructions
Bit search instructions
Logical 1 detection, 0 detection, and change-point
detection
Branch instructions with delay slot
Decrease overhead during branch process
Register interlock function
Easy assembler writing
Built-in multiplier and instruction level support
Signed 32-bit multiplication : 5 cycles
Signed 16-bit multiplication : 3 cycles
Interrupt ( PC/PS saving )
6 cycles ( 16 priority levels )
The Harvard architecture allows simultaneous execution of
program and data access.
Instruction compatibility with the FR family
Built-in memory protection function ( MPU )
Eight protection areas can be specified commonly for
instructions and the data.
Control access privilege in both privilege mode and user
mode.
Built-in FPU (floating point arithmetic)
IEEE754 compliant
Floating-point register 32-bit × 16 sets
Peripheral Functions
Clock generation (equipped with SSCG function)
Main oscillation (4MHz)
Sub oscillation (32kHz ) or no sub oscillation
PLL multiplication rate : 1 to 20 times
Built-in Program flash memory capacity
MB91F575 : 512 + 64KB
MB91F577 : 1024 + 64KB
MB91F578 : 1536 + 64KB
MB91F579 : 2048 + 64KB
Built-in Data flash memory (WorkFlash) capacity 64KB
Built-in RAM capacity
Main RAM
MB91F575 : 40KB
MB91F577 : 64KB
MB91F578 : 96KB
MB91F579 : 128KB
Backup RAM
MB91F575/7 : 8KB
MB91F578/9 : 16KB
General-purpose ports
[LQFP-144]
111 (none sub oscillation ), 109 (with sub oscillation )
Included I
2C pseudo open drain ports : 4
P057 : Input only
[LQFP-208]
159 (none sub oscillation ), 157 (with sub oscillation )
Included I
2C pseudo open drain ports : 4
P057 : Input only
External bus interface
22-bit address, 16-bit data
23 pins of 9-bit address, 8-bit data, ASX, CS0X, CS1X,
RDX, WR0X, and WR1X can select 5V/3.3V by the VCCE
power supply
DMA Controller
Up to 16 channels can be started simultaneously.
2 transfer factors ( Internal peripheral request and
software )


Similar Part No. - MB91F577CHSPMC

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB91F577 SPANSION-MB91F577 Datasheet
37Kb / 1P
This sheet shows a change trace of description in datasheet
More results

Similar Description - MB91F577CHSPMC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
numberHigh-performance 32-bit RISC Architecture
AT91M40800 ATMEL-AT91M40800_14 Datasheet
248Kb / 18P
High-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
High-performance 32-bit RISC Architecture
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
32-bit RISC, load/store architecture, five-stage pipeline
MB91460T CYPRESS-MB91460T Datasheet
12Mb / 137P
32-bit RISC, load/store architecture, five-stage pipeline
MB91F465KA CYPRESS-MB91F465KA Datasheet
2Mb / 86P
32-bit RISC, load/store architecture, five-stage pipeline
MB9146D CYPRESS-MB9146D Datasheet
12Mb / 137P
32-bit RISC, load/store architecture, five-stage pipeline
MB91550 CYPRESS-MB91550 Datasheet
1Mb / 104P
32-bit RISC, load/store architecture, 5-stage pipeline
logo
NXP Semiconductors
MMC2001 NXP-MMC2001 Datasheet
3Mb / 259P
32-bit load/store RISC architecture
Revision 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com