Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C84 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16C84
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C84 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16C84 Datasheet HTML 17Page - Microchip Technology PIC16C84 Datasheet HTML 18Page - Microchip Technology PIC16C84 Datasheet HTML 19Page - Microchip Technology PIC16C84 Datasheet HTML 20Page - Microchip Technology PIC16C84 Datasheet HTML 21Page - Microchip Technology PIC16C84 Datasheet HTML 22Page - Microchip Technology PIC16C84 Datasheet HTML 23Page - Microchip Technology PIC16C84 Datasheet HTML 24Page - Microchip Technology PIC16C84 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 117 page
background image
© 1995 Microchip Technology Inc.
DS30081F-page 21
PIC16C8X
5.0
I/O PORTS
The PIC16C8X family has two ports, PORTA and
PORTB. Some port pins are multiplexed with an
alternate function for other features on the device.
5.1
PORTA and TRISA Registers
PORTA is a 5-bit wide latch. RA4 is a Schmitt Trigger
input and an open drain output. All other RA port pins
have TTL input levels and full CMOS output drivers. All
pins have data direction bits (TRIS registers) which can
configure these pins as output or input.
A '1' on any bit in the TRISA register puts the
corresponding output driver in a hi-impedance mode. A
'0' on any bit in the TRISA register puts the contents of
the output latch on the selected pin(s).
Reading the PORTA register reads the status of the pins
whereas writing to it will write to the port latch. All write
operations are read-modify-write operations. So a write
to a port implies that the port pins are first read, then this
value is modified and written to the port data latch.
The RA4 pin is multiplexed with the TMR0 clock input.
FIGURE 5-1:
BLOCK DIAGRAM OF PINS
RA3:RA0
Note: I/O pins have protection diodes to VDD and VSS.
Data
bus
Q
D
Q
CK
Q
D
Q
CK
QD
EN
P
N
WR
Port
WR
TRIS
Data Latch
TRIS Latch
RD TRIS
RD PORT
TTL
input
buffer
VSS
VDD
I/O pin
EXAMPLE 5-1:
INITIALIZING PORTA
CLRF
PORTA
; Initialize PORTA by
; setting output
; data latches
BSF
STATUS, RP0
; Select Bank 1
MOVLW
0x0F
; Value used to
; initialize data
; direction
MOVWF
TRISA
; Set RA<3:0> as inputs
; RA4 as outputs
; TRISA<7:5> are always
; read as '0'.
FIGURE 5-2:
BLOCK DIAGRAM OF PIN RA4
Note:
For the PIC16C84 Only:
For
crystal
oscillator
configurations
operating below 500 kHz, the device may
generate a spurious internal Q-clock when
PORTA<0> switches state. This does not
occur with an external clock in RC mode.
To avoid this, the RA0 pin should be kept
static, i.e. in input/output mode, pin RA0
should not be toggled.
Data
bus
WR
PORT
WR
TRIS
RD PORT
Data Latch
TRIS Latch
RD TRIS
Schmitt
Trigger
input
buffer
N
VSS
RA4 pin
TMR0 clock input
Note: I/O pin has protection diodes to VSS only.
Q
D
Q
CK
Q
D
Q
CK
EN
QD
EN
Thi d
t
t d
ith F
M k
4 0 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com