Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18LF242 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18LF242
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF242 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18LF242 Datasheet HTML 1Page - Microchip Technology PIC18LF242 Datasheet HTML 2Page - Microchip Technology PIC18LF242 Datasheet HTML 3Page - Microchip Technology PIC18LF242 Datasheet HTML 4Page - Microchip Technology PIC18LF242 Datasheet HTML 5Page - Microchip Technology PIC18LF242 Datasheet HTML 6Page - Microchip Technology PIC18LF242 Datasheet HTML 7Page - Microchip Technology PIC18LF242 Datasheet HTML 8Page - Microchip Technology PIC18LF242 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 1
M
PIC18FXX2
High Performance RISC CPU:
• C compiler optimized architecture/instruction set
- Source code compatible with the PIC16 and
PIC17 instruction sets
• Linear program memory addressing to 32 Kbytes
•
Linear data memory addressing to 1.5 Kbytes
• Up to 10 MIPs operation:
- DC - 40 MHz osc./clock input
- 4 MHz - 10 MHz osc./clock input with PLL active
• 16-bit wide instructions, 8-bit wide data path
• Priority levels for interrupts
• 8 x 8 Single Cycle Hardware Multiplier
Peripheral Features:
• High current sink/source 25 mA/25 mA
• Three external interrupt pins
• Timer0 module: 8-bit/16-bit timer/counter with
8-bit programmable prescaler
• Timer1 module: 16-bit timer/counter
• Timer2 module: 8-bit timer/counter with 8-bit
period register (time-base for PWM)
• Timer3 module: 16-bit timer/counter
• Secondary oscillator clock option - Timer1/Timer3
• Two Capture/Compare/PWM (CCP) modules.
CCP pins that can be configured as:
- Capture input: capture is 16-bit,
max. resolution 6.25 ns (TCY/16)
- Compare is 16-bit, max. resolution 100 ns (TCY)
- PWM output: PWM resolution is 1- to 10-bit,
max. PWM freq. @: 8-bit resolution = 156 kHz
10-bit resolution = 39 kHz
• Master Synchronous Serial Port (MSSP) module,
Two modes of operation:
- 3-wire SPI™ (supports all 4 SPI modes)
-I2C™ Master and Slave mode
Peripheral Features (Continued):
• Addressable USART module:
- Supports RS-485 and RS-232
• Parallel Slave Port (PSP) module
Analog Features:
• Compatible 10-bit Analog-to-Digital Converter
module (A/D) with:
- Fast sampling rate
- Conversion available during SLEEP
-Linearity
≤ 1 LSb
• Programmable Low Voltage Detection (PLVD)
- Supports interrupt on-Low Voltage Detection
• Programmable Brown-out Reset (BOR)
Special Microcontroller Features:
• 100,000 erase/write cycle Enhanced FLASH
program memory typical
• 1,000,000 erase/write cycle Data EEPROM
memory
• FLASH/Data EEPROM Retention: > 40 years
• Self-reprogrammable under software control
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own On-Chip RC
Oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode
• Selectable oscillator options including:
- 4X Phase Lock Loop (of primary oscillator)
- Secondary Oscillator (32 kHz) clock input
• Single supply 5V In-Circuit Serial Programming™
(ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
CMOS Technology:
• Low power, high speed FLASH/EEPROM
technology
• Fully static design
• Wide operating voltage range (2.0V to 5.5V)
• Industrial and Extended temperature ranges
• Low power consumption:
- < 1.6 mA typical @ 5V, 4 MHz
-25
µA typical @ 3V, 32 kHz
- < 0.2
µA typical standby current
Device
On-Chip Program
Memory
On-Chip
RAM
(bytes)
Data
EEPROM
(bytes)
FLASH
(bytes)
# Single Word
Instructions
PIC18F242
16K
8192
768
256
PIC18F252
32K
16384
1536
256
PIC18F442
16K
8192
768
256
PIC18F452
32K
16384
1536
256
28/40-pin High Performance, Enhanced FLASH
Microcontrollers with 10-Bit A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com