Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18LF242 Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC18LF242
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF242 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC18LF242 Datasheet HTML 33Page - Microchip Technology PIC18LF242 Datasheet HTML 34Page - Microchip Technology PIC18LF242 Datasheet HTML 35Page - Microchip Technology PIC18LF242 Datasheet HTML 36Page - Microchip Technology PIC18LF242 Datasheet HTML 37Page - Microchip Technology PIC18LF242 Datasheet HTML 38Page - Microchip Technology PIC18LF242 Datasheet HTML 39Page - Microchip Technology PIC18LF242 Datasheet HTML 40Page - Microchip Technology PIC18LF242 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 35
PIC18FXX2
4.0
MEMORY ORGANIZATION
There are three memory blocks in Enhanced MCU
devices. These memory blocks are:
• Program Memory
• Data RAM
• Data EEPROM
Data and program memory use separate busses,
which allows for concurrent access of these blocks.
Additional detailed information for FLASH program
memory and Data EEPROM is provided in Section 5.0
and Section 6.0, respectively.
4.1
Program Memory Organization
A 21-bit program counter is capable of addressing the
2-Mbyte program memory space. Accessing a location
between the physically implemented memory and the
2-Mbyte address will cause a read of all ’0’s (a NOP
instruction).
The PIC18F252 and PIC18F452 each have 32 Kbytes
of
FLASH
memory,
while
the
PIC18F242
and
PIC18F442 have 16 Kbytes of FLASH. This means that
PIC18FX52 devices can store up to 16K of single word
instructions, and PIC18FX42 devices can store up to
8K of single word instructions.
The RESET vector address is at 0000h and the
interrupt vector addresses are at 0008h and 0018h.
Figure 4-1 shows the Program Memory Map for
PIC18F242/442 devices and Figure 4-2 shows the
Program Memory Map for PIC18F252/452 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com