Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F439 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB90F439
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F439 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB90F439 Datasheet HTML 35Page - Cypress Semiconductor MB90F439 Datasheet HTML 36Page - Cypress Semiconductor MB90F439 Datasheet HTML 37Page - Cypress Semiconductor MB90F439 Datasheet HTML 38Page - Cypress Semiconductor MB90F439 Datasheet HTML 39Page - Cypress Semiconductor MB90F439 Datasheet HTML 40Page - Cypress Semiconductor MB90F439 Datasheet HTML 41Page - Cypress Semiconductor MB90F439 Datasheet HTML 42Page - Cypress Semiconductor MB90F439 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
MB90435 Series
38
DS07-13727-2E
(4) Power On Reset
(MB90F438L (S) /437L (S) /438L (S) : VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(MB90F439 (S) /439 (S) /V540G : VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
* : VCC must be kept lower than 0.2 V before power-on.
Notes :
• The above values are used for creating a power-on reset.
• Some registers in the device are initialized only upon a power-on reset. To initialize these register, turn on
the power supply using the above values.
Parameter
Symbol
Pin
name
Condition
Value
Units
Remarks
Min
Max
Power on rise time
tR
VCC
⎯
0.05
30
ms
*
Power off time
tOFF
VCC
50
⎯
ms
Due to repetitive operation
VCC
VCC
VSS
3.0 V
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
RAM data being held
It is recommended to keep the
rising speed of the supply voltage
at 50 mV/ms or slower.
Sudden changes in the power supply voltage may cause a power-on reset.
To change the power supply voltage while the device is in operation, it is recommended to
raise the voltage smoothly to suppress fluctuations as shown below.
In this case, change the supply voltage with the PLL clock not used. If the voltage drop is
1 V or fewer per second, however, you can use the PLL clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com