Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F439 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB90F439
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F439 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB90F439 Datasheet HTML 9Page - Cypress Semiconductor MB90F439 Datasheet HTML 10Page - Cypress Semiconductor MB90F439 Datasheet HTML 11Page - Cypress Semiconductor MB90F439 Datasheet HTML 12Page - Cypress Semiconductor MB90F439 Datasheet HTML 13Page - Cypress Semiconductor MB90F439 Datasheet HTML 14Page - Cypress Semiconductor MB90F439 Datasheet HTML 15Page - Cypress Semiconductor MB90F439 Datasheet HTML 16Page - Cypress Semiconductor MB90F439 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
MB90435 Series
12
DS07-13727-2E
(Continued)
*1 : FPT-100P-M06
*2 : FPT-100P-M20
Pin No.
Pin name
Circuit
type
Function
LQFP*2
QFP*1
72
74
P95
D
General I/O port.
73
75
P96
D
General I/O port.
74
76
P97
D
General I/O port.
76
78
PA0
D
General I/O port.
32
34
AVCC
Power
supply
Power supply pin for the A/D Converter. This power supply
must be turned on or off while a voltage higher than or equal to
AVCC is applied to VCC.
35
37
AVSS
Power
supply
Power supply pin for the A/D Converter.
33
35
AVRH
Power
supply
External reference voltage input pin for the A/D Converter.
This power supply must be turned on or off while a voltage
higher than or equal to AVRH is applied to AVCC.
34
36
AVRL
Power
supply
External reference voltage input pin for the A/D Converter.
47
48
49
50
MD0
MD1
C
Input pins for specifying the operating mode. The pins must be
directly connected to VCC or VSS.
49
51
MD2
F
Input pin for specifying the operating mode. The pin must be
directly connected to VCC or VSS.
25
27
C
⎯
Power supply stabilization capacitor pin. It should be connect-
ed externally to an 0.1
µF ceramic capacitor.
21, 82
23, 84
VCC
Power
supply
Input pin for power supply (5.0 V) .
9, 40, 79
11, 42,
81
VSS
Power
supply
Input pin for power supply (0.0 V) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com