Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90437LPF Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB90437LPF
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90437LPF Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB90437LPF Datasheet HTML 24Page - Cypress Semiconductor MB90437LPF Datasheet HTML 25Page - Cypress Semiconductor MB90437LPF Datasheet HTML 26Page - Cypress Semiconductor MB90437LPF Datasheet HTML 27Page - Cypress Semiconductor MB90437LPF Datasheet HTML 28Page - Cypress Semiconductor MB90437LPF Datasheet HTML 29Page - Cypress Semiconductor MB90437LPF Datasheet HTML 30Page - Cypress Semiconductor MB90437LPF Datasheet HTML 31Page - Cypress Semiconductor MB90437LPF Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
MB90435 Series
DS07-13727-2E
27
*1 : The interrupt request flag is cleared by the EI2OS interrupt clear signal.
*2 : The interrupt request flag is cleared by the EI2OS interrupt clear signal. A stop request is available.
Notes :
• N/A : The interrupt request flag is not cleared by the EI2OS interrupt clear signal.
• For a peripheral module with two interrupt causes for a single interrupt number, both interrupt request flags
are cleared by the EI2OS interrupt clear signal.
• At the end of EI2OS, the EI2OS clear signal will be asserted for all the interrupt flags assigned to the same
interrupt number. If one interrupt flag starts the EI2OS and in the meantime another interrupt flag is set by
a hardware event, the later event is lost because the flag is cleared by the EI2OS clear signal caused by the
first event. So it is recommended not to use the EI2OS for this interrupt number.
• If EI2OS is enabled, EI2OS is initiated when one of the two interrupt signals in the same interrupt control
register (ICR) is asserted. This means that different interrupt sources share the same EI2OS Descriptor
which should be unique for each interrupt source. For this reason, when one interrupt source uses the
EI2OS, the other interrupt should be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com