Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90437LPF Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB90437LPF
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90437LPF Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB90437LPF Datasheet HTML 28Page - Cypress Semiconductor MB90437LPF Datasheet HTML 29Page - Cypress Semiconductor MB90437LPF Datasheet HTML 30Page - Cypress Semiconductor MB90437LPF Datasheet HTML 31Page - Cypress Semiconductor MB90437LPF Datasheet HTML 32Page - Cypress Semiconductor MB90437LPF Datasheet HTML 33Page - Cypress Semiconductor MB90437LPF Datasheet HTML 34Page - Cypress Semiconductor MB90437LPF Datasheet HTML 35Page - Cypress Semiconductor MB90437LPF Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
MB90435 Series
DS07-13727-2E
31
3.
DC Characteristics
(MB90F438L (S) /437L (S) /438L (S) : VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(MB90F439 (S) /439 (S) /V540G : VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(Continued)
Parameter
Sym-
bol
Pin name
Condition
Value
Units
Remarks
Min
Typ
Max
Input H
voltage
VIHS
CMOS
hysteresis
input pin
⎯
0.8 VCC
⎯
VCC
+ 0.3
V
VIH
TTL input
pin
⎯
2.0
⎯⎯
V
VIHM
MD input
pin
⎯
VCC
− 0.3
⎯
VCC
+ 0.3
V
Input L
voltage
VILS
CMOS
hysteresis
input pin
⎯
VCC
− 0.3
⎯
0.2 VCC
V
VIL
TTL input
pin
⎯⎯
⎯
0.8
V
VILM
MD input
pin
⎯
VSS
− 0.3
⎯
VCC
+ 0.3
V
Output H
voltage
VOH
All output
pins
VCC
= 4.5 V,
IOH
= −4.0 mA
VCC
− 0.5
⎯⎯
V
Output L
voltage
VOL
All output
pins
VCC
= 4.5 V,
IOL
= 4.0 mA
⎯⎯
0.4
V
Input leak
current
IIL
⎯
VCC
= 5.5 V,
VSS
< VI < VCC
−5
⎯
5
µA
Pull-up
resistance
RUP
P00 to P07,
P10 to P17,
P20 to P27,
P30 to P37,
RST
⎯
25
50
100
k
Ω
Pull-down
resistance
RDO
WN
MD2
⎯
25
50
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com