Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7001 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZLED7001
Description  Universal LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7001 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZLED7001 Datasheet HTML 1Page - Integrated Device Technology ZLED7001 Datasheet HTML 2Page - Integrated Device Technology ZLED7001 Datasheet HTML 3Page - Integrated Device Technology ZLED7001 Datasheet HTML 4Page - Integrated Device Technology ZLED7001 Datasheet HTML 5Page - Integrated Device Technology ZLED7001 Datasheet HTML 6Page - Integrated Device Technology ZLED7001 Datasheet HTML 7Page - Integrated Device Technology ZLED7001 Datasheet HTML 8Page - Integrated Device Technology ZLED7001 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Universal LED Driver with
Temperature Compensation
ZLED7001
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
Bandgap
Blanking
480ns
RS
POR
UVLO
n LED
L1
R2
NTC
5
6
D1
RCS
CLED
Q1
VS
CIN
C1
R1
8 to 450 VDC
2
3
1
RIN
CS
LD
VREF
VIN
PWMD
GATE
GND
4
7
COFF
TOFF
ZLED7001
Timing
Circuit
7.1V Clamp
R
R
R
0.24V
0.05V
+
+
–
–
+
–
0.24V
Driver
R
S
Q
CMP1
CMP2
CMP3
8
vdda
vdda
vddd
Voltage
Regulator
REN
ZLED7001 Block Diagram
SOP-8 Package Dimensions (mm
, except θ)
A
1.550 ± 0.200
E
3.900 ± 0.100
A1
0.175 ± 0.075
E1
6.020 ± 0.220
A2
1.450 Typical
e
1.270 Typical
b
0.420 ± 0.070
L
0.835 ± 0.435
c
0.214 ± 0.036
θ
4° ± 4°
D
4.900 ± 0.100
Ordering Information
Sales Code
Description
Package
ZLED7001ZI1R
ZLED7001 – Universal LED Driver with Temperature Compensation
SOP8 (Tape & Reel)
ZLED7001Kit-E1
ZLED7001 Evaluation Board up to 24VAC / 40VDC, including 1 ZLED-PCB1
Kit
ZLED-PCB1
Test PCB with one 3W white HB-LED, cascadable to one multiple LED string
Printed Circuit Board
ZLED-PCB2
10 unpopulated test
PCBs
for modular LED string with footprints of 9 common HB-LED types
Printed Circuit Board
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com