Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7001 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZLED7001
Description  Universal LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7001 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZLED7001 Datasheet HTML 6Page - Integrated Device Technology ZLED7001 Datasheet HTML 7Page - Integrated Device Technology ZLED7001 Datasheet HTML 8Page - Integrated Device Technology ZLED7001 Datasheet HTML 9Page - Integrated Device Technology ZLED7001 Datasheet HTML 10Page - Integrated Device Technology ZLED7001 Datasheet HTML 11Page - Integrated Device Technology ZLED7001 Datasheet HTML 12Page - Integrated Device Technology ZLED7001 Datasheet HTML 13Page - Integrated Device Technology ZLED7001 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ZLED7001 Datasheet
© 2016 Integrated Device Technology, Inc.
11
April 20, 2016
The current sense resistor can now be calculated from the internal comparator threshold VCSTH and the peak
current as
Ω
=
=
=
596
.
0
5
.
402
240
_
mA
mV
I
V
R
PEAK
O
CSTH
CS
This value can be built by a 0.68
Ω in parallel with a 4.7Ω type.
MOSFET (Q1) and Diode (D1)
The MOSFET and diode must be dimensioned with a minimum 50% safety rating of their relevant voltage and
current parameters. Thus a FET with minimum 500V drain-source breakdown voltage and 0.6A drain current as
well as a fast recovery diode with at least 500V reverse voltage and a 0.6A forward current may be selected.
3
ESD/Latch-Up-Protection
All pins have an ESD protection of >± 2000V according human body model (HBM). The ESD test follows the
H
uman Body Model with 1.5 kΩ/100 pF based on MIL 883-G, Method 3015.7
Latch-up protection of >± 100mA has been proven based on JEDEC No. 78A Feb. 2006, temperature class 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com