Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7002 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZLED7002 Datasheet HTML 2Page - Integrated Device Technology ZLED7002 Datasheet HTML 3Page - Integrated Device Technology ZLED7002 Datasheet HTML 4Page - Integrated Device Technology ZLED7002 Datasheet HTML 5Page - Integrated Device Technology ZLED7002 Datasheet HTML 6Page - Integrated Device Technology ZLED7002 Datasheet HTML 7Page - Integrated Device Technology ZLED7002 Datasheet HTML 8Page - Integrated Device Technology ZLED7002 Datasheet HTML 9Page - Integrated Device Technology ZLED7002 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ZLED7002 Datasheet
© 2016 Integrated Device Technology, Inc.
6
April 20, 2016
Figure 1.2
Main LED Current versus Power Supply (4V to 5.4V DC)
2
Circuit Description
2.1.
ZLED7002 Overview
The ZLED7002 is an LED driver for two channels designated as the MAIN channel and the SUB channel. Typically, only one of the
channels is on and the other is off. External resistors R1 and R2 connected to UV pin form a voltage divider across the power
supply. When the power supply voltage has risen high enough to create a voltage at the UV pin that is above a set threshold, the
MAIN LED channel is activated and the SUB channel is off. If the supply falls and the resulting voltage at the UV pin is below the
threshold, the SUB channel becomes active and the MAIN channel is turned off.
When the MAIN channel is active, the ZLED7002 provides a constant current source for driving the MAIN LED channel. Its current
level is set by an external resistor (R3) between the Iset and GND pins (see section 2.3). When the SUB LED channel is active, its
current is determined by external components (see section 2.4) and the ZLED7002 pulls the SUB pin to ground.
Refer to the application circuit in Figure 3.1 for the location of the components referred to in the following sections.
VDC (Volts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com