Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7002 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZLED7002 Datasheet HTML 4Page - Integrated Device Technology ZLED7002 Datasheet HTML 5Page - Integrated Device Technology ZLED7002 Datasheet HTML 6Page - Integrated Device Technology ZLED7002 Datasheet HTML 7Page - Integrated Device Technology ZLED7002 Datasheet HTML 8Page - Integrated Device Technology ZLED7002 Datasheet HTML 9Page - Integrated Device Technology ZLED7002 Datasheet HTML 10Page - Integrated Device Technology ZLED7002 Datasheet HTML 11Page - Integrated Device Technology ZLED7002 Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ZLED7002 Datasheet
© 2016 Integrated Device Technology, Inc.
10
April 20, 2016
SUB
MAIN
GND
NC
NC
Iset
UV
Vcc
4
ESD Protection
All pins have an ESD protection of
≥±4000V according the Human Body Model (HBM). The ESD test follows the
H
uman Body Model with 1.5 kΩ/100 pF based on MIL 883-G, Method 3015.7.
5
Pin Configuration and Package
Figure 5.1
ZLED7002 Pin Configuration
Table 5.1
ZLED7002 Pin Descriptions and Connection Requirements—SOP8 Package
Pin
No.
Description (Also see section 3.2 for layout guidelines)
VCC
1
Power supply (2.7V to 5.5V).
UV
2
Under-voltage detection input.
ISET
3
Input for external resistor that sets the current for the MAIN LED channel.
NC
4
No connection.
NC
5
No connection.
GND
6
Connect to ground.
MAIN
7
MAIN channel constant current source. Connect to cathode of MAIN LED.
SUB
8
SUB channel current sink. Connect to cathode of D1 (Zener diode) connected to cathode of SUB LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com