Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7022 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ZLED7022
Description  Low-Voltage Six-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7022 Datasheet(HTML) 5 Page - Integrated Device Technology

  ZLED7022 Datasheet HTML 1Page - Integrated Device Technology ZLED7022 Datasheet HTML 2Page - Integrated Device Technology ZLED7022 Datasheet HTML 3Page - Integrated Device Technology ZLED7022 Datasheet HTML 4Page - Integrated Device Technology ZLED7022 Datasheet HTML 5Page - Integrated Device Technology ZLED7022 Datasheet HTML 6Page - Integrated Device Technology ZLED7022 Datasheet HTML 7Page - Integrated Device Technology ZLED7022 Datasheet HTML 8Page - Integrated Device Technology ZLED7022 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ZLED7022 Datasheet
© 2016 Integrated Device Technology, Inc.
5
April 20, 2016
1
IC Characteristics
1.1.
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Input voltage referenced to
ground
VCC
-0.3
6.0
V
1.1.2
EN/SET voltage referenced
to ground
VEN/SET
-0.3
VCC+0.3
V
1.1.3
Maximum soldering
temperature
TLEAD
At ZLED7022 lead;
10 seconds maximum
300
°C
1.1.4
Maximum Thermal
Resistance
θJA
UTQFN-12 package
60
°C/W
1.1.5
Junction temperature
TJ
-40
150
°C
1.2.
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
Tamb
-40
+85
°C
1.2.2
Input voltage
VCC
2.8
5.5
V
1.3.
Electrical Parameters
Except as noted, conditions for the following specifications are Tamb = -40°C to +85°C (25°C typical);
VCC = 2.8V to 5.5V; Cin = Cout = 2.2
μF; Cpump = 1µF
Production testing is at 25°C. At other temperatures within the specified operating range, functional operation of the ZLED7022
and specified parameters are guaranteed by characterization, design, and process control.
Parameters marked with an asterisk (*) are guaranteed by design.
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input Power Supply
1.3.1
Operating current
ICC
2.8 ≤ VCC ≤ 5.5;
ISET = 20mA; No Load
0.6
1.0
mA
1.3.2
Current consumption in
shutdown mode
ISHDN
VEN/SET = 0V
1.0
2.0
μA
1.3.3
Current matching between
channels
ID-Match
ISET = 20mA
±0.9
%
Charge Pump
1.3.4
Charge pump frequency *
fCP
1.0
MHz
1.3.5
Soft-start time *
TSS
33.0
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com