Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7022 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZLED7022
Description  Low-Voltage Six-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7022 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZLED7022 Datasheet HTML 4Page - Integrated Device Technology ZLED7022 Datasheet HTML 5Page - Integrated Device Technology ZLED7022 Datasheet HTML 6Page - Integrated Device Technology ZLED7022 Datasheet HTML 7Page - Integrated Device Technology ZLED7022 Datasheet HTML 8Page - Integrated Device Technology ZLED7022 Datasheet HTML 9Page - Integrated Device Technology ZLED7022 Datasheet HTML 10Page - Integrated Device Technology ZLED7022 Datasheet HTML 11Page - Integrated Device Technology ZLED7022 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ZLED7022 Datasheet
© 2016 Integrated Device Technology, Inc.
8
April 20, 2016
Charge Pump
Cpump
1µF
C
-
VCC
S1
S3
S4
S2
Vout
EN/SET
R2
Iref <1:14>
S<1:14>
D0 Driver
SD
EN_CP
Vref
D0
D5
D1
D2
D4
D3
Data Processor
Cout
2.2
μF
<D1:D5> Drivers
Vcon
M1
R1
Iout
A
+
-
C
+
ZLED7022
GND
Figure 1.5
Efficiency (%) over the VCC Range (2.8V to 5.5V) at 25°C
2
Circuit Description
2.1.
Block diagram
2.2.
ZLED7022 Overview
The ZLED7022 is a low-noise, constant-frequency charge pump DC/DC converter for driving up to six LEDs with constant current
at a level controlled via a PCC serial digital interface, providing a uniform and linear brightness progression. Its 20mA (maximum)
current output per LED channel is optimal for low-voltage or battery-powered applications, such as portable applications powered
by 1-cell lithium batteries. The ZLED7022’s current sinks can operate in parallel for driving higher current LEDs. Only a few, small
external components are needed for typical applications. The ZLED7022’s charge pump operates at a fixed frequency (1MHz
typical) with minimal noise and harmonics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com