Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 9Page - Analog Devices ADA4350 Datasheet HTML 10Page - Analog Devices ADA4350 Datasheet HTML 11Page - Analog Devices ADA4350 Datasheet HTML 12Page - Analog Devices ADA4350 Datasheet HTML 13Page - Analog Devices ADA4350 Datasheet HTML 14Page - Analog Devices ADA4350 Datasheet HTML 15Page - Analog Devices ADA4350 Datasheet HTML 16Page - Analog Devices ADA4350 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 12 of 37
Parameter
Test Conditions/Comments1
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Resistance
VIN1 and REF
200
MΩ
Input Capacitance
VIN1 and REF
1.4
pF
Input Common-Mode Voltage Range
0
3.9
V
Common-Mode Rejection Ratio
For P1, VCM = ±0.5 V
84
94
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = no load, single-ended
0.15 to 4.85
0.125 to 4.875
V
RL = 500 Ω, single-ended
0.28 to 4.72
0.24 to 4.76
V
Output Common-Mode Voltage Range
0
3.9
V
Linear Output Current
For P1or M1, VOUT = 1 V p-p, 60 dB SFDR
4
mA rms
Differential output, VOUT = 1 V p-p, 60 dB SFDR
10
mA rms
Short-Circuit Current
For P1 or M1, sinking/sourcing
41/63
mA
Capacitive Load Drive
When used differentially at each VOUTx,
30% overshoot, VOUT = 100 mV p-p
33
pF
When P1/M1 is used, 30% overshoot,
VOUT = 50 mV p-p
47
pF
POWER SUPPLY
Operating Range
3.3
12
V
Positive Power Supply Rejection Ratio
For P1
86
104
dB
For M1
80
94
dB
Negative Power Supply Rejection Ratio
For P1
80
92
dB
For M1
76
88
dB
1
P1 and M1 within this table refer to the amplifiers shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com