Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 17Page - Analog Devices ADA4350 Datasheet HTML 18Page - Analog Devices ADA4350 Datasheet HTML 19Page - Analog Devices ADA4350 Datasheet HTML 20Page - Analog Devices ADA4350 Datasheet HTML 21Page - Analog Devices ADA4350 Datasheet HTML 22Page - Analog Devices ADA4350 Datasheet HTML 23Page - Analog Devices ADA4350 Datasheet HTML 24Page - Analog Devices ADA4350 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 20 of 37
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
0.001
0.01
0.1
1
10
FREQUENCY (MHz)
VS = ±5V
G = –5
VOUT = 2V p-p
RL = 1kΩ
HD2
HD3
Figure 21. Distortion (HD2/HD3) vs. Frequency, G = −5
1
10
100
1000
FREQUENCY (Hz)
VS = ±5V
1
10
100
1k
10k
100k
1M
10M
100M
Figure 22. Input Voltage Noise
INPUT OFFSET VOLTAGE (µV)
40
30
20
10
0
–40
–20
0
20
40
–30
–10
10
30
50
VS = ±5V
326 UNITS
x = –0.88µV
σ = 13.58µV
Figure 23. Input Offset Voltage
0
20
40
60
80
100
120
140
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
VS = ±5V
640 UNITS
X = 0.1µV/°C
σ = 0.25µV/°C
Figure 24. Input Offset Voltage Drift
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
–20
0
20
40
60
80
100
120
140
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
100M
1G
GAIN
PHASE
Figure 25. Open-Loop Gain and Phase vs. Frequency
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
VS = ±5V
Figure 26. CMRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com