Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-1ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4177-1ARMZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-1ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4177-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Figure 7. 14-Lead TSSOP Pin Configuration, ADA4177-4
Figure 8. 14-Lead SOIC Pin Configuration, ADA4177-4
Table 8. ADA4177-4 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT A
Output Channel A.
2
−IN A
Inverting Input Channel A.
3
+IN A
Noninverting Input Channel A.
4
V+
Positive Supply Voltage.
5
+IN B
Noninverting Input Channel B.
6
−IN B
Inverting Input Channel B.
7
OUT B
Output Channel B.
8
OUT C
Output Channel C.
9
−IN C
Inverting Input Channel C.
10
+IN C
Noninverting Input Channel C.
11
V−
Negative Supply Voltage.
12
+IN D
Noninverting Input Channel D.
13
−IN D
Inverting Input Channel D.
14
OUT D
Output Channel D.
ADA4177-4
1
2
3
4
5
6
7
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
OUT A
1
–IN A
2
+IN A
3
V+
4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B
5
+IN C
10
–IN B
6
–IN C
9
OUT B
7
OUT C
8
ADA4177-4
TOP VIEW
(Not to Scale)
Rev. C | Page 10 of 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com