Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-1ARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4177-1ARMZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-1ARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4177-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Figure 51. Positive Overload Recovery, VSY = ±5 V
Figure 52. Negative Overload Recovery, VSY = ±5 V
Figure 53. Power Supply Rejection Ratio (PSRR) vs. Temperature,
VSY = ±5 V to ±15 V
Figure 54. Positive Overload Recovery, VSY = ±15 V
Figure 55. Negative Overload Recovery, VSY = ±15 V
Figure 56. Common-Mode Rejection Ratio (CMRR) vs. Frequency,
VSY = ±5 V and VSY = ±15 V
0.25
0.20
0.15
–0.10
0.10
0.05
0
–0.05
6
5
4
–1
3
2
1
0
TIME (10µs/DIV)
VSY = ±5V
VIN = 75mV
AV = –100
RL = 10kΩ
CL = 35pF
INPUT
OUTPUT
–6
–5
–4
–3
–2
–1
0
1
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
–5
0
5
10
15
20
25
TIME (5µs/DIV)
VSY = ±5V
VIN = 75mV
AV = –100
RL = 10kΩ
CL = 35pF
INPUT
OUTPUT
145
125
130
135
140
TEMPERATURE (°C)
–50
50
25
0
–25
75
100
125
VSY = ±5V TO ±15V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
16
14
12
10
–2
8
6
2
4
0
TIME (10µs/DIV)
VSY = ±15V
VIN = 225mV
AV = –100
RL = 10kΩ
CL = 35pF
INPUT
OUTPUT
TIME (5µs/DIV)
–16
–14
–12
–10
–8
–6
–4
–2
0
2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–5
0
5
10
15
20
25
VSY = ±15V
VIN = 225mV
AV = –100
RL = 10kΩ
CL = 35pF
INPUT
OUTPUT
140
120
100
80
60
40
20
0
FREQUENCY (kHz)
0.1
10k
1k
100
10
1
VSY = ±5V
VSY = ±15V
Rev. C | Page 18 of 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com