Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-1ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4177-1ARZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-1ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4177-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Data Sheet
ADA4177-1/ADA4177-2/ADA4177-4
Figure 33. Supply Current per Amplifier (ISY) vs. Power Supply Voltage (VSY)
Figure 34. Output Dropout Voltage vs. Sink Current, VSY = ±5 V
Figure 35. Output Dropout Voltage vs. Source Current, VSY = ±5 V
Figure 36. Offset Voltage (VOS) vs. Power Supply Voltage (VSY)
Figure 37. Output Dropout Voltage vs. Sink Current, VSY = ±15 V
Figure 38. Output Dropout Voltage vs. Source Current, VSY = ±15 V
0.6
0.5
0.4
0.3
0.2
0.1
0
VSY (V)
0
40
34
30
25
20
15
10
5
–40°C
+25°C
+85°C
+125°C
10k
1k
1
10
100
SINK CURRENT (mA)
0.001
0.01
100
10
1
0.1
VSY = ±5V
–40°C
+25°C
+85°C
+125°C
SOURCE CURRENT (mA)
10k
1k
1
10
100
0.001
0.01
100
10
1
0.1
VSY = ±5V
–40°C
+25°C
+85°C
+125°C
10
–10
–5
0
5
VSY (V)
0
20
15
10
5
25
30
35
10k
1k
1
10
100
SINK CURRENT (mA)
0.001
0.01
100
10
1
0.1
VSY = ±15V
–40°C
+25°C
+85°C
+125°C
SOURCE CURRENT (mA)
10k
1k
10
1
100
0.001
0.01
100
10
1
0.1
VSY = ±15V
–40°C
+25°C
+85°C
+125°C
Rev. C | Page 15 of 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com