Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-1ARZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4177-1ARZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-1ARZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4177-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Figure 39. Open-Loop Gain and Phase vs. Frequency, VSY = ±5 V
Figure 40. Closed-Loop Gain vs. Frequency, VSY = ±5 V
Figure 41. Common-Mode Rejection Ratio (CMRR) vs. Temperature, VSY =±5 V
Figure 42. Open-Loop Gain and Phase vs. Frequency, VSY = ±15 V
Figure 43. Closed-Loop Gain vs. Frequency, VSY = ±15 V
Figure 44. Common-Mode Rejection Ratio (CMRR) vs. Temperature, VSY = ±15 V
120
–80
–60
–40
–20
0
20
40
60
80
100
120
–80
–60
–40
–20
0
20
40
60
80
100
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
VSY = ±5V
AV = –10
RL = 2kΩ
TA = 25°C
PHASE WITH CL = 0pF
PHASE WITH CL = 100pF
PHASE WITH CL = 200pF
GAIN WITH CL = 0pF
GAIN WITH CL = 100pF
GAIN WITH CL = 200pF
60
–40
–20
0
20
40
FREQUENCY (Hz)
1k
10M
1M
100k
10k
VSY = ±5V
G = +1
G = +10
G = +100
146
130
134
138
142
132
136
140
144
TEMPERATURE (°C)
–50
50
25
0
–25
75
100
125
VSY = ±5V
120
–80
–60
–40
–20
0
20
40
60
80
100
120
–80
–60
–40
–20
0
20
40
60
80
100
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
VSY = ±15V
AV = –10
RL = 2kΩ
TA = 25°C
PHASE WITH CL = 0pF
PHASE WITH CL = 100pF
PHASE WITH CL = 200pF
GAIN WITH CL = 0pF
GAIN WITH CL = 100pF
GAIN WITH CL = 200pF
60
–40
–20
0
20
40
FREQUENCY (Hz)
1k
10M
1M
100k
10k
VSY = ±15V
G = +1
G = +10
G = +100
146
130
134
138
142
132
136
140
144
TEMPERATURE (°C)
–50
50
25
0
–25
75
100
125
VSY = ±15V
Rev. C | Page 16 of 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com