Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4895-1ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4895-1ARZ-R7
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4895-1ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4895-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADA4895-1/ADA4895-2
Data Sheet
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
VIN = −0.165 V to +0.165 V
80
ns
Positive Output Voltage Swing
RL = 1 kΩ
1.35
1.48
V
RL = 100 Ω
1.3
1.43
V
Negative Output Voltage Swing
RL = 1 kΩ
−1.35
−1.49
V
RL = 100 Ω
−1.3
−1.45
V
Linear Output Current
SFDR = −45 dBc
46
mA rms
Short-Circuit Current
Sinking/sourcing
99/83
mA
Capacitive Load Drive
30% overshoot
6
pF
POWER SUPPLY
Operating Range
3 to 10
V
Quiescent Current per Amplifier
2.5
2.7
2.9
mA
DISABLEx = −1.5 V
0.03
mA
Positive Power Supply Rejection
+VS = 1.2 V to 2.2 V, −VS = −1.5 V
−98
−133
dB
Negative Power Supply Rejection
+VS = 1.5 V, −VS = −2.2 V to −1.2 V
−98
−146
dB
DISABLEx PIN
DISABLEx Voltage
Device enabled
>+VS − 0.5
V
Device disabled
<+VS − 2
V
Input Current per Amplifier
Device Enabled
DISABLEx = +1.5 V
−1.2
µA
Device Disabled
DISABLEx = −1.5 V
−10
µA
Switching Speed
Device Enabled
0.25
µs
Device Disabled
6
µs
Rev. B | Page 6 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com