Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4895-1ARZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4895-1ARZ-R7
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4895-1ARZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4895-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4895-1ARZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADA4895-1/ADA4895-2
APPLICATIONS INFORMATION
USING THE ADA4895-1/ADA4895-2 AT A
GAIN < +10
The ADA4895-1/ADA4895-2 are minimum gain 10 stable when
used in normal gain configurations. However, the ADA4895-1/
ADA4895-2 can be configured to work at lower gains down to a
gain of +5. Figure 50 shows how to add a simple RC circuit (R1 =
49.9 Ω and C1 = 60 pF) to allow the ADA4895-1/ADA4895-2 to
operate at a gain of +5.
VOUT
CL
150pF
RO
50Ω
C1
60pF
R1
50Ω
VIN
RT
50
RG
50
RF
200
Figure 50. Configuring the ADA4895-1/ADA4895-2 for a Gain of +5 Stable
This circuit has a gain of +9 at high frequency and a gain of +5 at
frequencies lower than the resonance frequency of 53 MHz
(1/2πR1C1). With a noise gain of approximately +9 at high
frequency, the total output noise increases unless an antialiasing
filter is used to block the high frequency content.
Figure 51 shows the small and large signal frequency response of
the circuit shown in Figure 50 into a 50 Ω analyzer (G = +5 V/V
or 14 dB). As shown in Figure 51, the circuit is very stable, and
the peaking is a little over 2 dB. This configuration is scalable to
accommodate any gain from +5 to +10, as shown in Table 11.
–1
2
5
8
11
14
17
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT = 30mV p-p
VOUT = 2V p-p
VOUT = 250mV p-p
VS = ±5V
G = +5
Figure 51. Frequency Response for G = +5
Table 11. Component Values Used with the ADA4895-1/ADA4895-2 for Gain < +10
Gain
RT (Ω)
R1 (Ω)
C1 (pF)
RG (Ω)
RF (Ω)
RO (Ω)
CL (pF)
+5
49.9
49.9
60
49.9
200
49.9
150
+6
49.9
66.5
45
40.2
200
49.9
150
+7
49.9
110
27
37.4
226
49.9
150
+8
49.9
205
15
32.4
226
49.9
120
+9
49.9
Not applicable
Not applicable
30.9
249
49.9
100
Rev. B | Page 19 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com