Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4895-1ARJZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4895-1ARJZ-R7
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4895-1ARJZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4895-1ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 14Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 17Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 18Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 19Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADA4895-1/ADA4895-2
Data Sheet
THEORY OF OPERATION
AMPLIFIER DESCRIPTION
The ADA4895-1/ADA4895-2 amplifiers have an input noise of
1 nV/√Hz and consume 3 mA per amplifier from supply voltages
of 3 V to 10 V. Using the Analog Devices XFCB3 process, the
ADA4895-1/ADA4895-2 have a gain bandwidth product in
excess of 1.5 GHz and are gain ≥ 10 stable, with an input
structure that results in an extremely low input 1/f noise for a
relatively high speed amplifier.
The rail-to-rail output stage is designed to drive the heavy feedback
load required to achieve an overall low output referred noise.
The low input noise and high bandwidth of the ADA4895-1/
ADA4895-2 are achieved with minimal power penalty. For this
reason, the maximum offset voltage of 350 µV and voltage drift
of 0.15 µV/°C make the ADA4895-1/ADA4895-2 an excellent
choice, even when the low noise performance of the amplifier is
not needed.
For any gain greater than 10, the closed-loop frequency response
of a basic noninverting configuration can be approximated by
Closed-Loop −3 dB Frequency = (GBP) × (
)
G
F
G
R
R
R
+
For inverting gain configurations, the source impedance must be
considered when sizing RG to maintain the minimum stable gain.
For gains lower than 10, see the Using the ADA4895-1/ADA4895-2
at a Gain < +10 section, or use the ADA4897-1/ADA4897-2, which
is a unity-gain stable amplifier with 230 MHz bandwidth.
INPUT PROTECTION
The ADA4895-1/ADA4895-2 are fully protected from ESD events
and can withstand human body model ESD events of 2.5 kV and
charged-device model events of 1 kV with no measured performance
degradation. The precision input is protected with an ESD network
between the power supplies and diode clamps across the input
device pair, as shown in Figure 44.
+IN
ESD
ESD
–VS
+VS
BIAS
TO THE REST OF THE AMPLIFIER
–IN
ESD
ESD
Figure 44. Input Stage and Protection Diodes
At differential voltages above approximately 0.7 V, the diode
clamps begin to conduct. Too much current can cause damage
due to excessive heating. If large differential voltages must be
sustained across the input terminals, it is recommended that the
current through the input clamps be limited to less than 10 mA.
Series input resistors that are sized appropriately for the expected
differential overvoltage provide the needed protection.
The ESD clamps begin to conduct at input voltages that are more
than 0.7 V above the positive supply or more than 0.7 V below
the negative supply. If an overvoltage condition is expected, it is
recommended that the fault current be limited to less than 10 mA.
DISABLE OPERATION
Figure 45 shows the ADA4895-1/ADA4895-2 power-down
circuitry. If the DISABLEx pin is left unconnected, the base of the
input PNP transistor is pulled high through the internal pull-up
resistor to the positive supply and the device is turned on. Pulling
the DISABLEx pin more than 2 V below the positive supply turns
the device off, reducing the supply current to approximately
50 µA for a 5 V voltage supply.
+VS
–VS
DISABLEx
ESD
ESD
IBIAS
TO
AMPLIFIER
BIAS
Figure 45. DISABLEx Circuit
The DISABLEx pin is protected by ESD clamps, as shown in
Figure 45. Voltages beyond the power supplies cause these diodes
to conduct. For protection of the DISABLEx pins, the voltage to
these pins should not exceed 0.7 V beyond the supply voltage, or
the input current should be restricted to less than 10 mA with a
series resistor.
Rev. B | Page 16 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com