Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4895-1ARJZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4895-1ARJZ-R7
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4895-1ARJZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4895-1ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 17Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 18Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 19Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 20Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 21Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 22Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 23Page - Analog Devices ADA4895-1ARJZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADA4895-1/ADA4895-2
Data Sheet
HIGH GAIN BANDWIDTH APPLICATION
The circuit in Figure 52 shows cascaded dual amplifier stages
using the ADA4895-1/ADA4895-2. Each stage has a gain of +10
(20 dB), making the output 100 times (40 dB) the input. The total
gain bandwidth product is approximately 9 GHz with the device
operating on 6 mA of quiescent current (3 mA per amplifier).
VOUT
VIN
RT
50
RL
1k
RF
226
CF
2pF
C1
5pF
RG
25.5
RF
226
CF
2pF
RG
25.5
R1
249
Figure 52. Cascaded Amplifier Stages for High Gain Applications (G = +100)
Figure 53 shows the large signal frequency response for two cases.
The first case is with installed feedback capacitors (CF = 2 pF), and
the second case is without these capacitors. Removing the 2 pF
feedback capacitors from this circuit increases the bandwidth,
but adds about 0.5 dB of peaking.
0
4
8
12
16
20
24
28
32
36
40
44
0.1
1
10
100
1000
FREQUENCY (MHz)
CF = 2pF
NO CF
VOUT = 2V p-p
G = +100
Figure 53. Large Signal Frequency Response, G = +100, VS = ±5 V
To better balance the second stage and remove the current offset
contribution, an R1C1 circuit can be sized to correct for any
mis-match between the source impedance and the feedback
network impedance on the input amplifier. (In the example
shown in Figure 52, R1 = 249 Ω and C1 = 5 pF.) The offset of
each amplifier is within the same statistical range. As configured,
the offset of the output amplifier is not statistically significant to
the overall offset of the system.
Figure 53 was captured using a ±5 V supply; however, this circuit
also operates with supplies from ±1.5 V to ±5 V as long as the
input and output headroom values are not violated.
FEEDBACK CAPACITOR APPLICATION
For applications where frequency response flatness is necessary,
or a larger feedback resistor value is desired, a small feedback
capacitor in parallel with the feedback resistor can be used to
reduce peaking and increase flatness.
Figure 54 shows the small signal frequency response with and
without a feedback capacitor.
–15
–12
–9
–6
–3
0
3
6
1
10
100
1000
FREQUENCY (MHz)
RF = 449Ω
RF = 1kΩ
RF = 1kΩ, CF = 0.5pF
RF = 499Ω, CF = 1pF
VS = ±2.5V
VOUT = 200mV p-p
RL = 1kΩ
G = +10
ADA4895-1 SOIC
Figure 54. Small Signal Frequency Response With and Without a Feedback
Capacitor
Rev. B | Page 20 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com