Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-2ARMZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4807-2ARMZ-R7
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-2ARMZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4807-2ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 30Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 31Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 32Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B | Page 29 of 33
ADC DRIVING WITH DYNAMIC POWER SCALING
In power sensitive applications, the ADA4807-1/ADA4807-2
can be switched on prior to the ADC turning on. Figure 78
shows the timing diagram for dynamically power scaling the
ADA4807-1/ADA4807-2 with the AD7982 configuration shown in
Figure 79. The falling edge of the DISABLE signal must align
with the rising edge of the CONV signal of the ADC to obtain a
clean data acquisition. Figure 79 gives the FFT for driving a fully
differential signal chain with a 1.2 µs on time as shown in Figure 78.
With this method, the ADA4807-1/ADA4807-2 quiescent current
(per amplifier) is reduced from 2 mA to 0.25 mA. Figure 81 gives
the FFT for dynamically power scaling a single-ended input
signal chain into a differential ADC with a 4 µs on time as
shown in Figure 80. This configuration results in a quiescent
current reduction of 20%.
CH1 2V
CH2 2V
M1µs
A CH1
2.56V
1
2
CONV
DISABLE
Figure 78. Dynamic Power Scaling Timing Diagram for Driving a Fully
Differential Signal Chain into a Differential ADC (AD7982)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
20
18
16
14
12
10
8
6
4
2
0
FREQUENCY (kHz)
fs = 200kSPS
fIN = 1kHz
SNR = 96.7dB
THD = –110.9dB
SFDR = –111.8dB
SINAD = 96.6dB
Figure 79. FFT for Driving a Differential Converter using Dynamic Power Scaling,
−0.5 dBFS, On Time of 1.2 µs, for the Schematic Shown in Figure 74
CH1 2V
CH2 2V
M1µs
A CH1
2.56V
1
2
CONV
DISABLE
Figure 80. Dynamic Power Scaling Timing Diagram for Driving a Single-
Ended Input Signal Chain into a Differential ADC (AD7982)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
20
18
16
14
12
10
8
6
4
2
0
FREQUENCY (kHz)
fs = 200kSPS
fIN = 1kHz
SNR = 94.7dB
THD = –107.11dB
SFDR = –108.8dB
SINAD = 94.4dB
Figure 81. FFT for Driving a Single-Ended to Differential Converter Using
Dynamic Power Scaling, −0.5 dBFS, On Time of 4 µs, for the Schematic Shown in
Figure 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com