Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-2ARMZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADA4807-2ARMZ-R7
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-2ARMZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADA4807-2ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 30Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 31Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 32Page - Analog Devices ADA4807-2ARMZ-R7 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B | Page 33 of 33
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
8°
0°
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65 BSC
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
0.75
0.60
0.45
COPLANARITY
0.10
SEATING
PLANE
Figure 86. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Branding
ADA4807-1AKSZ-R2
−40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
H3J
ADA4807-1AKSZ-R7
−40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
H3J
ADA4807-1ARJZ-R2
−40°C to +125°C
6-Lead Small Outline Transistor Package [SOT-23]
RJ-6
H3J
ADA4807-1ARJZ-R7
−40°C to +125°C
6-Lead Small Outline Transistor Package [SOT-23]
RJ-6
H3J
ADA4807-2ACPZ-R2
−40°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
H3S
ADA4807-2ACPZ-R7
−40°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
H3S
ADA4807-2ARMZ
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
H3S
ADA4807-2ARMZ-R7
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
H3S
ADA4807-4ARUZ
−40°C to +125°C
14-Lead Thin Shrink Small Outline Package [TSSOP]
RU-14
ADA4807-4ARUZ-R7
−40°C to +125°C
14-Lead Thin Shrink Small Outline Package [TSSOP]
RU-14
ADA4807-1AKSZ-EBZ
Evaluation Board for 6-Lead SC70
ADA4807-1ARJZ-EBZ
Evaluation Board for 6-Lead SOT-23
ADA4807-2ACPZ-EBZ
Evaluation Board for 10-Lead LFCSP_WD
ADA4807-2ARMZ-EBZ
Evaluation Board for 8-Lead MSOP
ADA4807-4AURZ-EBZ
Evaluation Board for 14-Lead TSSOP
1 Z = RoHS Compliant Part.
©2014–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12611-0-9/15(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com