Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5592R Datasheet(PDF) 4 Page - Analog Devices

Part # AD5592R
Description  Control and monitoring
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5592R Datasheet(HTML) 4 Page - Analog Devices

  AD5592R Datasheet HTML 1Page - Analog Devices AD5592R Datasheet HTML 2Page - Analog Devices AD5592R Datasheet HTML 3Page - Analog Devices AD5592R Datasheet HTML 4Page - Analog Devices AD5592R Datasheet HTML 5Page - Analog Devices AD5592R Datasheet HTML 6Page - Analog Devices AD5592R Datasheet HTML 7Page - Analog Devices AD5592R Datasheet HTML 8Page - Analog Devices AD5592R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
AD5592R
Data Sheet
Rev. C | Page 4 of 42
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, VREF = 2.5 V (external), RL = 2 kΩ to GND, CL = 200 pF to GND, TA = TMIN to TMAX, temperature range = −40°C to +105°C,
unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
ADC PERFORMANCE
fIN = 10 kHz sine wave
Resolution
12
Bits
Input Range
0
VREF
V
When using the internal ADC buffer, there is
a dead band of 0 V to 5 mV
0
2 × VREF
V
Integral Nonlinearity (INL)
−2
+2
LSB
Differential Nonlinearity (DNL)
−1
+1
LSB
Offset Error
±5
mV
Gain Error
0.3
% FSR
Throughput Rate2
400
kSPS
Track Time (tTRACK)2
500
ns
Conversion Time (tCONV)2
2
µs
Signal-to-Noise Ratio (SNR)
69
dB
VDD = 2.7 V, input range = 0 V to VREF
67
dB
VDD = 5.5 V, input range = 0 V to VREF
61
dB
VDD = 5.5 V, input range = 0 V to 2 × VREF
Signal-to-Noise-and-Distortion (SINAD) Ratio
69
dB
VDD = 2.7 V, input range = 0 V to VREF
67
dB
VDD = 3.3 V, input range = 0 V to VREF
60
dB
VDD = 5.5 V, input range = 0 V to 2 × VREF
Total Harmonic Distortion (THD)
−91
dB
VDD = 2.7 V, input range = 0 V to VREF
−89
dB
VDD = 3.3 V, input range = 0 V to VREF
−72
dB
VDD = 5.5 V, input range = 0 V to 2 × VREF
Peak Harmonic or Spurious Noise (SFDR)
91
dB
VDD = 2.7 V, input range = 0 V to VREF
91
dB
VDD = 3.3 V, input range = 0 V to VREF
72
dB
VDD = 5.5 V, input range = 0 V to 2 × VREF
Aperture Delay2
15
ns
VDD = 3 V
12
ns
VDD = 5 V
Aperture Jitter2
50
ps
Channel-to-Channel Isolation
−95
dB
fIN = 5 kHz
Input Capacitance
45
pF
Full Power Bandwidth
8.2
MHz
At 3 dB
1.6
MHz
At 0.1 dB
DAC PERFORMANCE3
Resolution
12
Bits
Output Range
0
VREF
V
0
2 × VREF
V
Integral Nonlinearity (INL)
−1
+1
LSB
Differential Nonlinearity (DNL)
−1
+1
LSB
Offset Error
−3
+3
mV
Offset Error Drift2
8
µV/°C
Gain Error
±0.2
% FSR
Output range = 0 V to VREF
±0.1
% FSR
Output range = 0 V to 2 × VREF
Zero Code Error
0.65
2
mV
Total Unadjusted Error
±0.03
±0.25
% FSR
Output range = 0 V to VREF
±0.015
±0.1
Output range = 0 V to 2 × VREF
Capacitive Load Stability2
2
nF
RLOAD = ∞
10
nF
RLOAD = 1 kΩ
Resistive Load
1
Short-Circuit Current
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com