Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5592R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5592R
Description  Control and monitoring
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5592R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5592R Datasheet HTML 17Page - Analog Devices AD5592R Datasheet HTML 18Page - Analog Devices AD5592R Datasheet HTML 19Page - Analog Devices AD5592R Datasheet HTML 20Page - Analog Devices AD5592R Datasheet HTML 21Page - Analog Devices AD5592R Datasheet HTML 22Page - Analog Devices AD5592R Datasheet HTML 23Page - Analog Devices AD5592R Datasheet HTML 24Page - Analog Devices AD5592R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Data Sheet
AD5592R
Rev. C | Page 21 of 42
DAC TERMINOLOGY
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy or integral nonlinearity is a
measurement of the maximum deviation, in LSBs, from a
straight line passing through the endpoints of the DAC transfer
function. A typical INL vs. code plot is shown in Figure 17.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of ±1 LSB maximum
ensures monotonicity. This DAC is guaranteed monotonic by
design. A typical DNL vs. code plot can be seen in Figure 18.
Zero Code Error
Zero code error is a measurement of the output error when zero
code (0x000) is loaded to the DAC register. Ideally, the output is
0 V. The zero code error is always positive in the AD5592R/
AD5592R-1 because the output of the DAC cannot go below
0 V due to a combination of the offset errors in the DAC and
the output amplifier. Zero code error is expressed in mV.
Gain Error
Gain error is a measure of the span error of the DAC. It is the
deviation in slope of the DAC transfer characteristic from the
ideal expressed as % FSR.
Offset Error Drift
Offset error drift is a measurement of the change in offset error
with a change in temperature. It is expressed in µV/°C.
Gain Temperature Coefficient
Gain temperature coefficient is a measurement of the change in
gain error with changes in temperature. It is expressed in ppm
of FSR/°C.
Offset Error
Offset error is a measurement of the difference between VOUT
(actual) and VOUT (ideal), expressed in mV, in the linear region
of the transfer function. Offset error can be negative or positive.
DC Power Supply Rejection Ratio (PSRR)
PSRR indicates how the output of the DAC is affected by changes
in the supply voltage. PSRR is the ratio of the change in VOUT to
a change in VDD for a full-scale output of the DAC. It is measured
in mV/V. VREF is held at 2 V, and VDD is varied by ±10%.
Output Voltage Settling Time
Output voltage settling time is the amount of time it takes for the
output of a DAC to settle to a specified level for a ¼ to ¾ full-scale
input change and is measured from the rising edge of SYNC.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nV-sec,
and is measured when the digital input code is changed by 1 LSB
at the major carry transition (0x7FF to 0x800).
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into the
analog output of the DAC from the digital inputs of the DAC,
but is measured when the DAC output is not updated. It is
specified in nV-sec, and measured with a full-scale code change
on the data bus, that is, from all 0s to all 1s and vice versa.
Reference Feedthrough
Reference feedthrough is the ratio of the amplitude of the signal
at the DAC output to the reference input when the DAC output
is not being updated. It is expressed in dB.
Noise Spectral Density
Noise spectral density is a measurement of the internally generated
random noise. Random noise is characterized as a spectral
density (nV/√Hz). It is measured by loading the DAC to midscale
and measuring noise at the output. It is measured in nV/√Hz.
DC Crosstalk
DC crosstalk is the dc change in the output level of one DAC in
response to a change in the output of another DAC. It is
measured with a full-scale output change on one DAC (or soft
power-down and power-up) while monitoring another DAC
maintained at midscale. It is expressed in μV.
DC crosstalk due to load current change is a measure of the
impact that a change in load current on one DAC has to
another DAC kept at midscale. It is expressed in μV/mA.
Digital Crosstalk
Digital crosstalk is the glitch impulse transferred to the output
of one DAC at midscale in response to a full-scale code change
(all 0s to all 1s and vice versa) in the input register of another DAC.
It is measured in standalone mode and is expressed in nV-sec.
Analog Crosstalk
Analog crosstalk is the glitch impulse transferred to the output
of one DAC due to a change in the output of another DAC. It is
measured by loading one of the input registers with a full-scale
code change (all 0s to all 1s and vice versa), then executing a
software LDAC (see Table 45 and Table 46), and monitoring the
output of the DAC whose digital code was not changed. The
area of the glitch is expressed in nV-sec.
DAC-to-DAC Crosstalk
DAC-to-DAC crosstalk is the glitch impulse transferred to the
output of one DAC due to a digital code change and subsequent
analog output change of another DAC. It is measured by loading
the attack channel with a full-scale code change (all 0s to all 1s
and vice versa), using the write to and update commands while
monitoring the output of the victim channel that is at midscale.
The energy of the glitch is expressed in nV-sec.
Multiplying Bandwidth
The amplifiers within the DAC have a finite bandwidth; the
multiplying bandwidth is a measure of this. A sine wave on the
reference (with full-scale code loaded to the DAC) appears on
the output. The multiplying bandwidth is the frequency at which
the output amplitude falls to 3 dB below the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com