Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4355 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4355
Description  Analog and digital lock detect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 9Page - Analog Devices ADF4355 Datasheet HTML 10Page - Analog Devices ADF4355 Datasheet HTML 11Page - Analog Devices ADF4355 Datasheet HTML 12Page - Analog Devices ADF4355 Datasheet HTML 13Page - Analog Devices ADF4355 Datasheet HTML 14Page - Analog Devices ADF4355 Datasheet HTML 15Page - Analog Devices ADF4355 Datasheet HTML 16Page - Analog Devices ADF4355 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ADF4355
Data Sheet
Rev. A | Page 12 of 35
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
Figure 22 shows the reference input stage. The reference input
can accept both single-ended and differential signals. Use the
reference mode bit (Register 4, Bit DB9) to select the signal. To
use a differential signal on the reference input, program this bit
high. In this case, SW1 and SW2 are open, SW3 and SW4 are
closed, and the current source that drives the differential pair of
transistors switches on. The differential signal buffers and provides
an emitter-coupled logic (ECL) to the CMOS converter. When a
single-ended signal is used as the reference, program Bit DB9
in Register 4 to 0. Connect the single-ended reference signal to
REFINA. In this case, SW1 and SW2 are closed, SW3 and SW4
are open, and the current source that drives the differential pair
of transistors switches off.
2.5kΩ
2.5kΩ
REFINA
REFINB
AVDD
BIAS
GENERATOR
BUFFER
85kΩ
SW2
SW3
SW1
REFERENCE
INPUT MODE
SW4
ECL TO CMOS
CONVERTER
TO
R COUNTER
MULTIPLEXER
Figure 22. Reference Input Stage
RF N DIVIDER
The RF N divider allows a division ratio in the PLL feedback
path. Determine the division ratio by the INT, FRAC1, FRAC2,
and MOD2 values that this divider comprises.
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRAC1
INT
RF N COUNTER
FROM
VCO OUTPUT/
OUTPUT DIVIDERS
TO PFD
N COUNTER
FRAC2
VALUE
MOD2
VALUE
N = INT +
FRAC1 +
MOD1
FRAC2
MOD2
REGISTER REGISTER
Figure 23. RF N Divider
INT, FRAC1, FRAC2, MOD1, MOD2, and R Counter
Relationship
The INT, FRAC1, FRAC2, MOD1, and MOD2 values, in
conjunction with the R counter, make it possible to generate
output frequencies spaced by fractions of the PFD frequency
(fPFD). For more information, see the RF Synthesizer—A Worked
Example section.
Calculate the RF VCO frequency (VCOOUT) by
VCOOUT = fPFD × N
(1)
where:
VCOOUT is the output frequency of the VCO (without using the
output divider).
fPFD is the frequency of the phase frequency detector.
N is the desired value of the feedback counter, N.
Calculate fPFD by
fPFD = REFIN × [(1 + D)/(R × (1 + T))]
(2)
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit.
R is the preset divide ratio of the binary 10-bit programmable
reference counter (1 to 1023).
T is the REFIN divide by 2 bit (0 or 1).
N comprises
MOD1
MOD2
FRAC2
FRAC1
INT
N
+
+
=
(3)
where:
INT is the 16-bit integer value (23 to 32,767 for the 4/5
prescaler, 75 to 65,535 for the 8/9 prescaler).
FRAC1 is the numerator of the primary modulus (0 to 16,777,215).
FRAC2 is the numerator of the 14-bit auxiliary modulus
(0 to 16,383).
MOD2 is the programmable, 14-bit auxiliary fractional
modulus (2 to 16,383).
MOD1 is a 24-bit primary modulus with a fixed value of 224 =
16,777,216.
Equation 3 results in a very fine frequency resolution with no
residual frequency error. To apply this formula, take the
following steps:
1. Calculate N by dividing VCOOUT/fPFD.
2. The integer value of this number forms INT.
3. Subtract the INT value from the full N value.
4. Multiply the remainder by 224.
5. The integer value of this number forms FRAC1.
6. Calculate MOD2 based on the channel spacing (fCHSP) by
MOD2 = fPFD/GCD(fPFD, fCHSP)
(4)
where:
GCD(fPFD, fCHSP) is the greatest common divider of the PFD
frequency and the channel spacing frequency.
fCHSP is the desired channel spacing frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com