Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4355 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4355
Description  Analog and digital lock detect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 17Page - Analog Devices ADF4355 Datasheet HTML 18Page - Analog Devices ADF4355 Datasheet HTML 19Page - Analog Devices ADF4355 Datasheet HTML 20Page - Analog Devices ADF4355 Datasheet HTML 21Page - Analog Devices ADF4355 Datasheet HTML 22Page - Analog Devices ADF4355 Datasheet HTML 23Page - Analog Devices ADF4355 Datasheet HTML 24Page - Analog Devices ADF4355 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ADF4355
Data Sheet
Rev. A | Page 20 of 35
M14
M13
..........
M2
M1
MODULUS VALUE (MOD2)
0
0
..........
0
0
NOT ALLOWED
0
0
..........
0
1
NOT ALLOWED
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
16380
1
1
..........
0
1
16381
1
1
..........
1
0
16382
1
1
.........
1
1
16383
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4 DB3
DB2
DB1
DB0
14-BIT AUXILIARY MODULUS VALUE (MOD2)
CONTROL
BITS
M14
M13
M12
M11
M10
M9M8M7
M6M5
M4M3
M2M1
C3(0) C2(1) C1(0)
C4(0)
DBR1
DBR1
F14
F13
..........
F2
F1
FRAC2 WORD
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
16381
1
1
..........
0
1
16382
1
1
..........
1
0
16382
1
1
.........
1
1
16383
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
F12
F13
F14
14-BIT AUXILIARY FRACTIONAL VALUE (FRAC2)
1DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.
Figure 32. Register 2
REGISTER 2
Control Bits
With Bits[C4:C1] set to 0010, Register 2 is programmed. Figure 32
shows the input data format for programming this register.
14-Bit Auxiliary Fractional Value (FRAC2)
The 14-bit auxiliary fractional value (Bits[DB31:DB18]) controls
the auxiliary fractional word. FRAC2 must be less than the
MOD2 value programmed in Register 2.
14-Bit Auxiliary Modulus Value (MOD2)
The 14-bit auxiliary modulus value (Bits[DB17:DB4]) sets the
auxiliary fractional modulus. Use MOD2 to correct any residual
error due to the main fractional modulus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com