Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4355BCPZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADF4355BCPZ
Description  Analog and digital lock detect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355BCPZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF4355BCPZ Datasheet HTML 28Page - Analog Devices ADF4355BCPZ Datasheet HTML 29Page - Analog Devices ADF4355BCPZ Datasheet HTML 30Page - Analog Devices ADF4355BCPZ Datasheet HTML 31Page - Analog Devices ADF4355BCPZ Datasheet HTML 32Page - Analog Devices ADF4355BCPZ Datasheet HTML 33Page - Analog Devices ADF4355BCPZ Datasheet HTML 34Page - Analog Devices ADF4355BCPZ Datasheet HTML 35Page - Analog Devices ADF4355BCPZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Data Sheet
ADF4355
Rev. A | Page 33 of 35
POWER SUPPLIES
The ADF4355-2 contains four multiband VCOs that cover an
octave range of frequencies. To ensure best performance, it is vital
to connect a low noise regulator, such as the ADM7170, to the
VVCO pin. Connect the same regulator to package pins VVCO,
VREGVCO, and VP.
For the 3.3 V supply pins, use two ADM7170 regulators, one for
the DVDD and AVDD supplies and one for VRF. Figure 45 shows
the recommended connections.
PRINTED CIRCUIT BOARD (PCB) DESIGN
GUIDELINES FOR A CHIP-SCALE PACKAGE
The lands on the 32-lead lead frame chip-scale package are
rectangular. The PCB pad for these lands must be 0.1 mm
longer than the package land length and 0.05 mm wider than
the package land width. Center each land on the pad to
maximize the solder joint size.
The bottom of the chip-scale package has a central exposed
thermal pad. The thermal pad on the PCB must be at least as
large as the exposed pad. On the PCB, there must be a minimum
clearance of 0.25 mm between the thermal pad and the inner
edges of the pad pattern. This clearance ensures the avoidance
of shorting.
To improve the thermal performance of the package, use thermal
vias on the PCB thermal pad. If vias are used, incorporate them
into the thermal pad at the 1.2 mm pitch grid. The via diameter
must be between 0.3 mm and 0.33 mm and the via barrel must
be plated with 1 oz. of copper to plug the via.
For a microwave PLL and VCO synthesizer, such as the ADF4355,
take care with the board stack-up and layout. Do not consider
using FR4 material because it is too lossy above 3 GHz. Instead,
Rogers 4350, Rogers 4003, or Rogers 3003 dielectric material is
suitable.
Take care with the RF output traces to minimize discontinuities
and ensure the best signal integrity. Via placement and grounding
are critical.
1500pF
390pF
33nF
3.3kΩ
1kΩ
ADF4355
VVCO
CPGND
AGND
RFOUTB–
RFOUTB+
CPOUT
1nF
1nF
4.7kΩ
RSET
LE
DATA
CLK
FREFIN
VTUNE
DVDD AVDD CE
MUXOUT
16
27
17
29
1
2
3
22
8
31
9
13
18 21
LOCK
DETECT
AGNDRF AGNDVCO
14
15
19
23
24
25
30
10
20
7
PDBRF
26
SDGND
6
32
VP
5
AVDD
10pF
0.1µF 10pF
0.1µF 10pF
0.1µF
4
RFOUTA–
RFOUTA+
12
11
7.5nH
7.5nH
1nF
1nF
COUT
10µF
CIN
10µF
VOUT = 5.0V
VIN = 6.0V
OFF
ON
VOUT
VRF
100nF
100nF
1nF
1nF
FREFIN
28
COUT
10µF
CIN
10µF
VOUT = 3.3V
VIN = 6.0V
VOUT
SS
VIN
GND
EN
OFF
ON
ADM7170
CSS
1nF
VOUT
SS
VIN
GND
EN
ADM7170
REFINA
REFINB
VREGVCO
VBIAS
CREG2
CREG1
VREF
COUT
10µF
CIN
10µF
VOUT = 3.3V
VIN = 6.0V
VOUT
SS
VIN
GND
EN
OFF
ON
ADM7170
CSS
1nF
CSS
1nF
SENSE
VOUT
VOUT
VOUT
SENSE
SENSE
Figure 45. ADF4355 Power Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com