Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4355BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4355BCPZ
Description  Analog and digital lock detect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4355BCPZ Datasheet HTML 22Page - Analog Devices ADF4355BCPZ Datasheet HTML 23Page - Analog Devices ADF4355BCPZ Datasheet HTML 24Page - Analog Devices ADF4355BCPZ Datasheet HTML 25Page - Analog Devices ADF4355BCPZ Datasheet HTML 26Page - Analog Devices ADF4355BCPZ Datasheet HTML 27Page - Analog Devices ADF4355BCPZ Datasheet HTML 28Page - Analog Devices ADF4355BCPZ Datasheet HTML 29Page - Analog Devices ADF4355BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Data Sheet
ADF4355
Rev. A | Page 25 of 35
Charge Pump Bleed Current
BL8 to BL1 (Bits[DB20:DB13]) control the level of the bleed
current added to the charge pump output. This current
optimizes the phase noise and spurious levels from the device.
Tests have shown that the optimal bleed set is the following:
4/N < IBLEED/ICP < 10/N
where:
IBLEED is the value of constant negative bleed applied to the
charge pump, which is set by the contents of Bits[BL8:BL1].
ICP is the value of charge pump current setting, Bits[DB13:DB10] of
Register 4.
N is the value of the feedback counter from the VCO to the PFD.
Reserved
Bit DB12 is reserved and must be set to 0.
Mute Till Lock Detect
When D8 (Bit DB11) is set to 1, the supply current to the RF
output stage is shut down until the device achieves lock, as
determined by the digital lock detect circuitry.
Reserved
Bit DB10 is reserved and must be set to 0.
Auxiliary RF Output Enable
Bit DB9 enables or disables the auxiliary frequency RF output
(RFOUTB+/RFOUTB−). When DB9 is set to 1, the auxiliary
frequency RF output is enabled. When DB9 is set to 0, the
auxiliary RF output is disabled.
Auxiliary RF Output Power
Bits[DB8:DB7] set the value of the auxiliary RF output power
level (see Figure 36).
RF Output Enable
Bit DB6 enables or disables the primary RF output (RFOUTA+/
RFOUTA−). When DB6 is set to 0, the primary RF output is
disabled. When DB6 is set to 1, the primary RF output is
enabled.
Output Power
Bits[DB5:DB4] set the value of the primary RF output power
level (see Figure 36).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com