Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4610-1ARJZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4610-1ARJZ-R7
Description  Rail-to-rail output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-1ARJZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4610-1ARJZ-R7 Datasheet HTML 1Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. G | Page 5 of 25
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ
14.80
14.90
V
−40°C < TA < +125°C
14.65
V
RL = 600 Ω
14.25
14.47
V
−40°C < TA < +125°C
13.35
V
Output Voltage Low
VOL
RL = 2 kΩ
−14.90
−14.85
V
−40°C < TA < +125°C
−14.75
V
RL = 600 Ω
−14.68
−14.60
V
−40°C < TA < +125°C
−14.30
V
Short-Circuit Current
ISC
±79
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = ±4.5 V to ±18 V
ADA4610-2
106
125
dB
−40°C < TA < +125°C
103
dB
ADA4610-1/ADA4610-4
104
117
dB
−40°C < TA < +125°C
100
dB
Supply Current per Amplifier
ISY
IOUT = 0 mA
1.60
1.85
mA
−40°C < TA < +125°C
2.0
mA
DYNAMIC PERFORMANCE
Slew Rate
±SR
RL = 2 kΩ, AV = +1
Rising
171
25
V/µs
Falling
171
61
V/µs
Gain Bandwidth Product
GBP
VIN = 5 mV p-p, RL = 2 kΩ, AV = +100
16.3
MHz
Unity-Gain Crossover
UGC
VIN = 5 mV p-p, RL = 2 kΩ, AV = +1
9.3
MHz
Phase Margin
φM
66
Degrees
−3 dB Closed-Loop Bandwidth
−3 dB
AV = +1, VIN = 5 mV p-p
9.5
MHz
Total Harmonic Distortion (THD) + Noise
THD + N
1 kHz, AV = +1, RL = 2 kΩ, VIN = 5 V rms
0.00025
%
NOISE PERFORMANCE
Peak-to-Peak Voltage Noise
en p-p
0.1 Hz to 10 Hz bandwidth
0.45
µV p-p
Voltage Noise Density
en
f = 10 Hz
14
nV/√Hz
f = 100 Hz
8.50
nV/√Hz
f = 1 kHz
7.30
nV/√Hz
f = 10 kHz
7.30
nV/√Hz
1
Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com