Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4610-1ARJZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4610-1ARJZ-R7
Description  Rail-to-rail output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-1ARJZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4610-1ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 14Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 17Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 18Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 19Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 20Page - Analog Devices ADA4610-1ARJZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. G | Page 17 of 25
400
300
200
100
0
–100
–200
–300
–400
0
1
2
3
4
5
6
7
8
9
10
TIME (Seconds)
Figure 49. Voltage Noise, 0.1 Hz to 10 Hz
12
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
0.1%
0.01%
1.2
1.4
SETTLING TIME (µs)
Figure 50. Positive Step Settling Time
–4
–2
0
2
4
6
8
10
12
14
16
18
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
VIN
TIME (µs)
VOUT
VOUT = 7.3 × VIN
Figure 51. Positive Overload Recovery
VSY (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0
5
10
15
20
25
30
35
–40°C
+25°C
+85°C
+125°C
Figure 52. Supply Current (ISY) per Amplifier vs. Supply Voltage (VSY) at
Various Temperatures
12
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
0.1%
0.01%
1.2
1.4
SETTLING TIME (µs)
Figure 53. Negative Step Settling Time
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
VIN
TIME (µs)
VOUT
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
2
4
VOUT = 7.3 × VIN
Figure 54. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com