Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7183ACPZN1.2-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP7183ACPZN1.2-R7
Description  Supported by ADIsimPOWER voltage regulator design tool
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7183ACPZN1.2-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP7183ACPZN1.2-R7 Datasheet HTML 6Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 7Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 8Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 9Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 10Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 11Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 12Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 13Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ADP7183
Data Sheet
Rev. 0 | Page 10 of 19
ILOAD (mA)
–3.5
–4.0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–300
–200
–100
0
Figure 22. Ground Current vs. Load Current (ILOAD), VOUT = −3.3 V
VIN (V)
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–5.5
–5.3
–5.1
–4.9
–4.7
–4.5
–4.3
–4.1
–3.9
ILOAD =NO LOAD
ILOAD = –10mA
ILOAD = –100mA
ILOAD = –300mA
Figure 23. Ground Current vs. Input Voltage (VIN), VOUT = −3.3 V
JUNCTION TEMPERATURE (°C)
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
VIN = –3.8V
VIN = –4.0V
VIN = –4.5V
VIN = –5.0V
VIN = –5.5V
–40
–20
0
20
40
60
80
100
120
140
Figure 24. Shutdown Current vs. Junction Temperature (TJ) at
Various Input Voltages, VOUT = −3.3 V
ILOAD (mA)
–1000
–100
–10
–140
–120
–100
–80
–60
–40
–20
0
Figure 25. Dropout Voltage vs. Load Current (ILOAD), VOUT = −3.3 V
VIN (V)
–3.31
–3.21
–3.22
–3.23
–3.24
–3.25
–3.26
–3.27
–3.28
–3.29
–3.30
–3.9–3.8–3.7–3.6–3.5–3.4–3.3–3.2
NO LOAD
ILOAD =–10mA
ILOAD = –100mA
ILOAD = –300mA
Figure 26. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout at
Various Loads, VOUT = −3.3 V
VIN (V)
–25
–20
–15
–10
–5
0
–3.9
–2.7
–2.8
–2.9
–3.0
–3.1
–3.2
–3.3
–3.4
–3.5
–3.6
–3.7
–3.8
ILOAD = –10mA
ILOAD = –100mA
ILOAD = –300mA
Figure 27. Ground Current vs. Input Voltage (VIN) in Dropout at
Various Loads, VOUT = −3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com