Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7183ACPZN1.2-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP7183ACPZN1.2-R7
Description  Supported by ADIsimPOWER voltage regulator design tool
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7183ACPZN1.2-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP7183ACPZN1.2-R7 Datasheet HTML 11Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 12Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 13Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 14Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 15Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 16Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 17Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 18Page - Analog Devices ADP7183ACPZN1.2-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Data Sheet
ADP7183
Rev. 0 | Page 19 of 19
OUTLINE DIMENSIONS
1.60
1.50
1.40
0.30
0.25
0.20
TOP VIEW
SIDE VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
0.60
0.55
0.50
1.10
1.00
0.90
0.152 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2.10
2.00 SQ
1.90
SEATING
PLANE
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 56. 8-Lead Lead Frame Chip Scale Package [LFCSP]
2 mm × 2 mm Body and 0.55 mm Package Height
(CP-8-27)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)2
Package Description
Package Option
Branding
ADP7183ACPZN0.5-R7
−40°C to +125°C
−0.5
8-Lead LFCSP
CP-8-27
LS9
ADP7183ACPZN1.0-R7
−40°C to +125°C
−1.0
8-Lead LFCSP
CP-8-27
LSA
ADP7183ACPZN1.2-R7
−40°C to +125°C
−1.2
8-Lead LFCSP
CP-8-27
LSB
ADP7183ACPZN1.5-R7
−40°C to +125°C
−1.5
8-Lead LFCSP
CP-8-27
LSC
ADP7183ACPZN1.8-R7
−40°C to +125°C
−1.8
8-Lead LFCSP
CP-8-27
LSD
ADP7183ACPZN2.0-R7
−40°C to +125°C
−2.0
8-Lead LFCSP
CP-8-27
LSS
ADP7183ACPZN2.5-R7
−40°C to +125°C
−2.5
8-Lead LFCSP
CP-8-27
LSE
ADP7183ACPZN3.0-R7
−40°C to +125°C
−3.0
8-Lead LFCSP
CP-8-27
LSF
ADP7183ACPZN3.3-R7
−40°C to +125°C
−3.3
8-Lead LFCSP
CP-8-27
LTM
ADP7183ACPZN-R7
−40°C to +125°C
Adjustable
8-Lead LFCSP
CP-8-27
LTN
ADP7183-3.3-EVALZ
−3.3
Evaluation Board for the
Fixed Voltage Option
ADP7183-ADJ-EVALZ
−2.5
Evaluation Board for the
Adjustable Voltage Option
1 Z = RoHS Compliant Part.
2 For additional voltage options, contact a local Analog Devices Inc., sales or distribution representative.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12897-0-10/16(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com