Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7403 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7403
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7403 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7403 Datasheet HTML 8Page - Analog Devices AD7403 Datasheet HTML 9Page - Analog Devices AD7403 Datasheet HTML 10Page - Analog Devices AD7403 Datasheet HTML 11Page - Analog Devices AD7403 Datasheet HTML 12Page - Analog Devices AD7403 Datasheet HTML 13Page - Analog Devices AD7403 Datasheet HTML 14Page - Analog Devices AD7403 Datasheet HTML 15Page - Analog Devices AD7403 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Data Sheet
AD7403
0
10
20
30
40
50
60
CODE (k)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
Figure 13. AD7403 Typical INL Error
CODE (k)
–1.5
–1.0
–0.5
0
0.5
1.0
0
10
20
30
40
50
60
Figure 14. AD7403-8 Typical INL Error
0
1147
144470
692381
160941
1061
0
0
100
200
300
400
500
600
700
800
32764
32765
32766
32767
32768
32769
32770
CODE
MCLKIN = 10MHz
VIN+ = VIN– = 0V
1M SAMPLES
Figure 15. Histogram of Codes at Code Center
60
70
80
100
90
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
SNR
SINAD
fIN = 1kHz
Figure 16. SNR and SINAD vs. Temperature
–120
–110
–100
–90
–80
–70
–60
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
THD
SFDR
fIN = 1kHz
Figure 17. AD7403 THD and SFDR vs. Temperature
TEMPERATURE (°C)
–120
–110
–100
–90
–80
–70
–60
–50
–25
0
25
50
75
100
125
THD
SFDR
fIN = 1kHz
Figure 18. AD7403-8 THD and SFDR vs. Temperature
Rev. B | Page 11 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com