Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7403 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7403
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7403 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7403 Datasheet HTML 15Page - Analog Devices AD7403 Datasheet HTML 16Page - Analog Devices AD7403 Datasheet HTML 17Page - Analog Devices AD7403 Datasheet HTML 18Page - Analog Devices AD7403 Datasheet HTML 19Page - Analog Devices AD7403 Datasheet HTML 20Page - Analog Devices AD7403 Datasheet HTML 21Page - Analog Devices AD7403 Datasheet HTML 22Page - Analog Devices AD7403 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD7403
Data Sheet
INPUT FILTER
In a typical use case for directly measuring the voltage across a
shunt resistor, the AD7403 can be connected directly across the
shunt resistor with a simple RC low-pass filter on each input.
The recommended circuit configuration for driving the
differential inputs to achieve best performance is shown in
Figure 33. An RC low-pass filter is placed on both the analog
input pins. Recommended values for the resistors and capacitors
are 10 Ω and 220 pF, respectively. If possible, equalize the
source impedance on each analog input to minimize offset.
R
VIN–
R
VIN+
C
C
AD7403
Figure 33. RC Low-Pass Filter Input Network
The input filter configuration for the AD7403 is not limited to
the low-pass structure shown in Figure 33. The differential RC
filter configuration shown in Figure 34 also achieves excellent
performance. Recommended values for the resistors and
capacitor are 22 Ω and 47 pF, respectively.
R
VIN–
R
VIN+
C
AD7403
Figure 34. Differential RC Filter Network
Figure 35 compares the typical performance for the input filter
structures outlined in Figure 33 and Figure 34 for different
resistor and capacitor values.
50
55
60
65
70
75
80
85
90
95
10
100
1000
DECIMATION RATE
LOW PASS,
10Ω, 220pF
DIFFERENTIAL,
22Ω, 47pF
DIFFERENTIAL,
22Ω, 10nF
fIN = 1kHz
Figure 35. SNR vs. Decimation Rate for Different Filter Structures for Different
Resistor and Capacitor Values
DIGITAL FILTER
The output of the AD7403 is a continuous digital bit stream. To
reconstruct the original input signal information, this output
bit stream needs to be digitally filtered and decimated. A sinc
filter is recommended due to its simplicity. A sinc3 filter is
recommended because it is one order higher than that of the
AD7403 modulator, which is a second-order modulator. The type
of filter selected, the decimation rate, and the modulator clock used
determines the overall system resolution and throughput rate. The
higher the decimation rate, the greater the system accuracy, as
illustrated in Figure 36. However, there is a trade-off between
accuracy and throughput rate and, therefore, higher decimation
rates result in lower throughput solutions. Note that for a given
bandwidth requirement, a higher MCLKIN frequency can allow
higher decimation rates to be used, resulting in higher SNR
performance.
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
DECIMATION RATE
SINC1
SINC2
SINC3
SINC4
fIN = 1kHz
Figure 36. SNR vs. Decimation Rate for Different Sincx Filter Orders
A sinc3 filter is recommended for the AD7403. This filter can
be implemented on a field programmable gate array (FPGA) or
a digital signal processor (DSP).
Equation 1 describes the transfer function of a sinc filter.
N
DR
Z
Z
DR
z
H


−
−
=
−
−
)
1
(
)
1
(
1
)
(
1
(1)
where:
DR is the decimation rate.
N is the sinc filter order.
The throughput rate of the sinc filter is determined by the
modulator clock and the decimation rate selected.
DR
MCLK
Throughput
=
(2)
where MCLK is the modulator clock frequency
As the decimation rate increases, the data output size from the
sinc filter increases. The output data size is expressed in
Equation 3. The 16 most significant bits are used to return a
16-bit result.
Data size = N × log2 DR
(3)
Rev. B | Page 18 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com