Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1403 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1403
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1403 Datasheet HTML 4Page - Semtech Corporation SC1403 Datasheet HTML 5Page - Semtech Corporation SC1403 Datasheet HTML 6Page - Semtech Corporation SC1403 Datasheet HTML 7Page - Semtech Corporation SC1403 Datasheet HTML 8Page - Semtech Corporation SC1403 Datasheet HTML 9Page - Semtech Corporation SC1403 Datasheet HTML 10Page - Semtech Corporation SC1403 Datasheet HTML 11Page - Semtech Corporation SC1403 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
 2002 Semtech Corp.
www.semtech.com
SC1403
PRELIMINARY
POWER MANAGEMENT
PRELIMINARY
Pin Descriptions (Cont.)
2.5V
REF
V+
+3.3V
VL
VIN
VL
BST3
DH3
LX3
DL3
CSH3
CSL3
COMP3
REF
TIME/ON5
RUN/ON3
SEQ
RESET
COMP5
CSL5
CSH5
PGND
DL5
LX5
DH5
BST5
VL
SYNC
V+
PSAVE
5V
REG
EN
DELAY
CSL5
VL
LS
OSC
LS
HS
VL
50mV
7.5mV
2.5mV
3V
CTL
LOGIC
OC
PS
POL
50mV
7.5mV
2.5mV
OC
PS
POL
5V
CTL
LOGIC
PWM
MODULATOR
PWM
MODULATOR
OV FAULT
+10%
-25%
UV FAULT
3
VL
2
POW ER-ON
SEQUENCE
LOGIC
0.5
2.0
SS
TIMER
BV
DELAY
+5V
VIN
FB5
0.6
FB3
0.6V
CURRENT
RAMP
V+
CSL3
CSL5
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
9
15
L
D.
T
E
F
S
O
M
r
e
if
it
c
e
r
s
u
o
n
o
r
h
c
n
y
s
e
d
i
s
w
o
l
e
h
t
r
o
f
t
u
p
t
u
O
e
v
ir
D
e
t
a
G
0
2D
N
G
P.
d
n
u
o
r
G
r
e
w
o
P
1
2L
V.t
u
p
t
u
O
r
o
t
a
l
u
g
e
R
r
a
e
n
i
L
l
a
n
r
e
t
n
I
V
5
2
2+
V.t
u
p
n
I
e
g
a
tl
o
V
y
r
e
tt
a
B
3
2#
N
D
H
S.
w
o
l
e
v
it
c
a
,t
u
p
n
I
l
o
r
t
n
o
C
n
w
o
d
t
u
h
S
4
23
L
D.
T
E
F
S
O
M
r
e
if
it
c
e
r
s
u
o
n
o
r
h
c
n
y
s
e
d
i
s
w
o
l
e
h
t
r
o
f
t
u
p
t
u
O
e
v
ir
D
e
t
a
G
5
23
T
S
B.
e
v
ir
d
e
t
a
g
e
d
i
s
h
g
i
h
r
o
f
n
o
it
c
e
n
n
o
C
r
o
ti
c
a
p
a
C
t
s
o
o
B
6
23
E
S
A
H
P.
n
o
it
c
e
n
n
o
C
)
r
o
t
c
u
d
n
i(
e
d
o
N
g
n
i
h
c
ti
w
S
7
23
H
D.
h
c
ti
w
s
l
e
n
n
a
h
C
-
N
e
d
i
s
h
g
i
h
,
V
3
.
3
e
h
t
r
o
f
t
u
p
t
u
O
e
v
ir
D
e
t
a
G
8
23
N
O.t
u
p
n
I
l
o
r
t
n
o
C
F
F
O
/
N
O
Note: All logic level inputs and outputs are open collector TTL compatible.
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com