Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1403 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC1403
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC1403 Datasheet HTML 17Page - Semtech Corporation SC1403 Datasheet HTML 18Page - Semtech Corporation SC1403 Datasheet HTML 19Page - Semtech Corporation SC1403 Datasheet HTML 20Page - Semtech Corporation SC1403 Datasheet HTML 21Page - Semtech Corporation SC1403 Datasheet HTML 22Page - Semtech Corporation SC1403 Datasheet HTML 23Page - Semtech Corporation SC1403 Datasheet HTML 24Page - Semtech Corporation SC1403 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
 2002 Semtech Corp.
www.semtech.com
SC1403
POWER MANAGEMENT
PRELIMINARY
Operation below 6V input
The SC1403 will operate below 6V input voltage with careful
design, but there are limitations. The first limitation is the
maximum available duty cycle from the SC1403, which limits the
obtainable output voltage. The design should minimize all circuit
losses through the system in order to deliver maximum power to
the output.
A second limitation with operation below 6V is transient response.
When load current increases rapidly, the output voltage drops
slightly; the feedback loop normally increases duty cycle briefly to
bring the output voltage back up. If duty cycle is already near the
maximum limit, the duty cycle cannot increase enough to meet
the demand, and the output voltage sags more than normal. This
problem can not be solved by changing the feedback
compensation, it is a function of the input voltage, duty cycle, and
inductor and capacitor values.
If an application requires 5V output from an input voltage below
6V, the following guidelines should be used:
1 - Set the switching frequency to 200 kHz (Tie SYNC to
GND). This increases the maximum duty cycle
compared to 300 kHz operation.
2 - Minimize the resistance in the power train. Select
MOSFETs, inductor, and current sense resistor to
provide the lowest resistance as is practical.
3 - Minimize the pcb resistance for all traces carrying
high current. This includes traces to the input
capacitors, MOSFETS and diodes, inductor, current
sense resistor, and output capacitor.
4 - Minimize the resistance between the SC1403
circuit and the power source (battery, battery charger,
AC adaptor).
5 - Use low ESR capacitors on the input to prevent the
input voltage dropping during on-time.
6 - If large load transients are expected, high
capacitance and low ESR capacitors should be used on
both the input and output.
Overvoltage Test
Measuring the overvoltage trip point can be problematic. Any
buck converter with synchronous MOSFETS can act as a boost
converter, sending energy from output to input. In some cases the
energy sent to the input is enough to drive the input voltage be-
yond normal levels, causing input overvoltage. To prevent this,
enable the SC1403 PSAVE# feature, which effectively disables
the low side MOSFET drive so that little energy, if any, is transferred
back to the input.
Semtech recommends the following circuit for measuring the ov-
ervoltage trip point. D1 prevents the output voltage from damag-
ing lab supply 1. R1 limits the amount of energy that can be cycled
from the output to the input. R2 absorbs the energy that might
flow from output to input, and D2 protects lab supply from pos-
sible damage. The ON5 signal is monitored to indicate when
overvoltage occurs.
Initial conditions:
Both lab supplies set to zero volts
No load connected to 3V or 5V
PSAVE# enabled (PSAVE# tied to GND)
ON5, ON3 both enabled
DVMs monitoring ON5 and the output under test.
Oscilloscope probe connected to Phase Node
of the output under test (not strictly required).
Set lab supply 2 to provide 10V at the SC1403 input. The phase
node of the output being tested should show some switching ac-
tivity. The ON5 pin should be above 4V.
Slowly increase lab supply 1 until the output under test rises
slightly above it’s normal DC level. As the input lab supply 1 in-
creases, switching activity at the phase node will cease. The ON5
pin should remain above 4V.
Increase lab supply 1 in very small increments, monitoring both
ON5 and the output under test. The overvoltage trip point is the
highest voltage seen at the output before ON5 pulls low (approxi-
mately 0.3V). Do not record the voltage seen at the output after
ON5 has pulled low; when ON5 pulls low, the current flowing in D1
changes, corrupting the voltage seen at the output.
1K
D1
e.g. 1N4004
R2
75
to DVM
D1
e.g. 1N4004
Vin
Supply
R1
470
2
SC1403
Evaluation
Board
Lab
Output
test
under
1
Supply
Lab
to DVM
1/2W
ON5
VL
1/2W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com