Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7170ACPZ-1.8-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM7170ACPZ-1.8-R7
Description  Adjustable and fixed output voltage options
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7170ACPZ-1.8-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM7170ACPZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
6.5 V, 500 mA, Ultralow Noise, High PSRR,
Fast Transient Response CMOS LDO
Data Sheet
ADM7170
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.3 V to 6.5 V
Maximum load current: 500 mA
Low noise: 5 µV rms independent of output voltage at
100 Hz to 100 kHz
Fast transient response: 1.5 μs for 1 mA to 500 mA load step
60 dB PSRR at 100 kHz
Low dropout voltage: 42 mV at 500 mA load, VOUT = 3 V
Initial accuracy: ±0.75%
Accuracy over line, load, and temperature: ±1.25%
Quiescent current, IGND = 0.7 mA at no load
Low shutdown current: 0.25 μA at VIN = 5 V
Stable with small 4.7 µF ceramic output capacitor
Adjustable and fixed output voltage options: 1.2 V to 5.0 V
Adjustable output from 1.2 V to VIN − VDO
Precision enable
Adjustable soft start
8-lead, 3 mm × 3 mm LFCSP package
Supported by ADIsimPower tool
APPLICATIONS
Regulation to noise sensitive applications: ADC and DAC
circuits, precision amplifiers, PLLs/VCOs, and clocking ICs
Communications and infrastructure
Medical and healthcare
Industrial and instrumentation
GENERAL DESCRIPTION
The ADM7170 is a CMOS, low dropout linear regulator (LDO)
that operates from 2.3 V to 6.5 V and provides up to 500 mA of
output current. This high output current LDO is ideal for regula-
tion of high performance analog and mixed signal circuits
operating from 6 V down to 1.2 V rails. Using an advanced
proprietary architecture, the device provides high power supply
rejection and low noise, and achieves excellent line and load
transient response with just a small 4.7 µF ceramic output
capacitor. Load transient response is typically 1.5 μs for a 1 mA
to 500 mA load step.
The ADM7170 is available in 17 fixed output voltage options.
The following voltages are available from stock: 1.3 V, 1.8 V,
2.5 V, 3.0 V, 3.3 V, 4.2 V, and 5.0 V. Additional voltages that are
available by special order are: 1.5 V, 1.85 V, 2.0 V, 2.2 V, 2.7 V,
2.75 V, 2.8 V, 2.85 V, 3.8 V, and 4.6 V. An adjustable version is
also available that allows output voltages that range from 1.2 V
to VIN − VDO with an external feedback divider.
TYPICAL APPLICATION CIRCUIT
Figure 1. ADM7170 with Fixed Output Voltage, 3.3 V
Inrush current can be controlled by adjusting the start-up time
via the soft start pin. The typical start-up time with a 1 nF soft
start capacitor is about 1.0 ms.
The ADM7170 regulator output noise is 5 μV rms independent
of the output voltage. The ADM7170 is available in an 8-lead,
3 mm × 3 mm LFCSP, making it not only a very compact
solution, but also providing excellent thermal performance for
applications requiring up to 500 mA of output current in a
small, low profile footprint.
Figure 2. Transient Response (Trace 2), 1 mA to 500 mA Load Step in 400 ns
(Trace 1)
Table 1. Related Devices
Device
Input Voltage
Output Current
Package
ADM7171
2.3 V to 6.5 V
1 A
8-lead LFCSP
ADM7172
2.3 V to 6.5 V
2 A
8-lead LFCSP
VOUT
SENSE
SS
VIN
EN
ADM7170
GND
VIN
VOUT
CSS
1nF
CIN
4.7µF
COUT
4.7µF
OFF
ON
VIN = 5V
VOUT = 3.3V
CH1 200mA ΩBW CH2 10mV BW M400ns A CH3
100mV
T 0.4%
1
2
T


Similar Part No. - ADM7170ACPZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7170 AD-ADM7170 Datasheet
1Mb / 8P
USB-Powered, 915 MHz RF Low Noise Amplifier Receiver with Overpower Protection Circuit
Rev. 0
More results

Similar Description - ADM7170ACPZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117API AUK-S1117API Datasheet
394Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
Adjustable and Fixed Voltage Regulator
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
Adjustable and Fixed Voltage Regulator
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
Adjustable and Fixed Voltage Regulator
logo
STMicroelectronics
LD29080 STMICROELECTRONICS-LD29080 Datasheet
435Kb / 21P
800mA FIXED AND ADJUSTABLE OUTPUT VERY LOW DROP VOLTAGE REGULATOR
15-Oct-2004
LD29080 STMICROELECTRONICS-LD29080_07 Datasheet
373Kb / 21P
800mA Fixed and adjustable output very low drop voltage regulatorm
14-May-2007
logo
KODENSHI_AUK CORP.
SJ1117-AF KODENSHI-SJ1117-AF Datasheet
639Kb / 18P
Adjustable and Fixed Voltage Regulator
logo
Gamma Microelectronics ...
GM6615X GAMMA-GM6615X Datasheet
718Kb / 17P
Fixed and Adjustable Voltage Versions
logo
KODENSHI_AUK CORP.
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
Adjustable and Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com