Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7170ACPZ-1.8-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM7170ACPZ-1.8-R7
Description  Adjustable and fixed output voltage options
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7170ACPZ-1.8-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM7170ACPZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADM7170ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Data Sheet
ADM7170
Rev. C | Page 11 of 23
Figure 28. Ground Current vs. Input Voltage (VIN), Adjustable Version,
VOUT = 1.2 V
Figure 29. Soft Start (SS) Current vs. Temperature, Different Input Voltages,
VOUT = 5 V
Figure 30. Power Supply Rejection Ratio (PSRR) vs. Frequency, VOUT = 3 V,
500 mA Load Current, Various Headroom Voltages
Figure 31. Power Supply Rejection Ratio (PSRR) vs. Headroom, VOUT = 3 V,
500 mA Load Current, Different Frequencies
Figure 32. Power Supply Rejection Ratio (PSRR) vs. Frequency,
800 mV Headroom, VOUT = 3 V
Figure 33. Power Supply Rejection Ratio (PSRR) vs. Frequency,
400 mV Headroom, VOUT = 3 V
VIN (V)
6.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
TEMPERATURE (°C)
125
85
25
–5
–40
0.8
0.9
1.0
1.1
1.2
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
VIN = 6.0V
VIN = 6.5V
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–100
–80
–60
–40
–20
0
800mV
700mV
600mV
500mV
400mV
300mV
200mV
160mV
100mV
HEADROOM (V)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–100
–80
–60
–40
–20
0
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–100
–80
–60
–40
–20
0
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 500mA
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–100
–80
–60
–40
–20
0
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com