Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 9Page - Analog Devices ADP1050 Datasheet HTML 10Page - Analog Devices ADP1050 Datasheet HTML 11Page - Analog Devices ADP1050 Datasheet HTML 12Page - Analog Devices ADP1050 Datasheet HTML 13Page - Analog Devices ADP1050 Datasheet HTML 14Page - Analog Devices ADP1050 Datasheet HTML 15Page - Analog Devices ADP1050 Datasheet HTML 16Page - Analog Devices ADP1050 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
ADP1050
Data Sheet
THEORY OF OPERATION
The ADP1050 is designed as a flexible, easy to use, digital power
supply controller. The ADP1050 integrates the typical functions
that are needed to control a power supply, such as
•
Output voltage sense and feedback
•
Voltage feedforward control
•
Digital loop filter compensation
•
PWM generation
•
Current, voltage, and temperature sense
•
Housekeeping and I2C/PMBus interface
•
Calibration and trimming
The main function of controlling the output voltage is performed
by the feedback ADCs, the digital loop compensator, and the
digital PWM engine.
The feedback ADCs feature a patented multipath architecture,
with a high speed, low resolution (fast and coarse) ADC and a
low speed, high resolution (slow and accurate) ADC. The ADC
outputs are combined to form a high speed and high resolution
feedback path. Loop compensation is implemented using the
digital compensator. This proportional, integral, derivative (PID)
compensator is implemented in the digital domain to allow easy
programming of filter characteristics, which is of great value in
customizing and debugging designs. The PWM engine generates
up to four programmable PWM outputs for control of primary
side FET drivers and synchronous rectification FET drivers. This
programmability allows many generic and specific switching
power supply topologies to be realized.
Conventional power supply housekeeping features, such as input
voltage sense, output voltage sense, primary side current sense,
and secondary side current sense, are included. An extensive set
of protections is included, such as overvoltage protection (OVP),
overcurrent protection (OCP), overtemperature protection (OTP),
and undervoltage protection (UVP).
These features are programmable through the I2C/PMBus
digital bus interface. This interface is also used for calibrations.
Other information, such as input current, output current, and
fault flags, is also available through this digital bus interface.
The internal EEPROM can store all programmed values and allows
standalone control without a microcontroller. A free, downloadable
GUI is available that provides all the necessary software to program
the ADP1050. To obtain the latest GUI software and a user guide,
visit http://www.analog.com/digitalpower.
The ADP1050 operates from a single 3.3 V power supply and is
specified from −40°C to +125°C.
RTD
SDA
SCL
SYNI/FLGI
SR2
SR1
ADD
VCORE
AGND
RES
PWM
ENGINE
ADC
OSC
DIGITAL CORE
VREF
PMBus
8kB
EEPROM
VS–
VS+
OVP
CS1
OUTA
ADC
OUTB
VF
CTRL
VDD
UVLO
LDO
DAC
ADC
ADC
PG/ALT
Figure 10. Functional Block Diagram
Rev. A | Page 12 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com